Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33765DTBR2 Datasheet (PDF) - ON Semiconductor

MC33765DTBR2 Datasheet PDF - ON Semiconductor
Part # MC33765DTBR2
Download  MC33765DTBR2 Download

File Size   287.99 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator

MC33765DTBR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33765DTBR2 Datasheet PDF - ON Semiconductor

Part # MC33765DTBR2
Download  MC33765DTBR2 Click to download

File Size   287.99 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator

MC33765DTBR2 Datasheet (HTML) - ON Semiconductor

Back Button MC33765DTBR2 Datasheet HTML 1Page - ON Semiconductor MC33765DTBR2 Datasheet HTML 2Page - ON Semiconductor MC33765DTBR2 Datasheet HTML 3Page - ON Semiconductor MC33765DTBR2 Datasheet HTML 4Page - ON Semiconductor MC33765DTBR2 Datasheet HTML 5Page - ON Semiconductor MC33765DTBR2 Datasheet HTML 6Page - ON Semiconductor MC33765DTBR2 Datasheet HTML 7Page - ON Semiconductor MC33765DTBR2 Datasheet HTML 8Page - ON Semiconductor MC33765DTBR2 Datasheet HTML 9Page - ON Semiconductor MC33765DTBR2 Datasheet HTML 10Page - ON Semiconductor Next Button 

MC33765DTBR2 Product details

Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator

The MC33765 is an ultra low noise, very low dropout voltage regulator with five independent outputs which is available in TSSOP−16 surface mount package.
The MC33765 is available in 2.8 V. The output voltage is the same for all five outputs but each output is capable of supplying different currents up to 150 mA for output 4. The device features a very low dropout voltage (0.11 V typical for maximum output current), very low quiescent current (5.0 μA maximum in OFF mode, 130 μA typical in ON mode) and one of the output (output 3) exhibits a very low noise level which allows the driving of noise sensitive circuitry. Internal current and thermal limiting protections are provided.

Features
• Five Independent Outputs at 2.8V Typical, Based Upon Voltage Version
• Internal Trimmed Voltage Reference
• VoutTolerance ±3.0% over the Temperature Range −40°C to +85°C
• Enable Input Pin (Logic−Controlled Shutdown) for Each of the Five
   Outputs
• Common Enable Pin to Shutdown the Whole Circuit
• Very Low Dropout Voltage (0.11 V Typical for Output 1, 2, 3 and 5;
   0.17 V Typical for Output 4 at Maximum Current)
• Very Low Quiescent Current (Maximum 5.0 μA in OFF Mode,
   130 μA Typical in ON Mode)
• Ultra Low Noise for VR3 (30 μV RMS Max, 100 Hz < f < 100 kHz)
• Internal Current and Thermal Limit
• 100 nF for VR1, VR2, VR4 and VR5 and 1.0 μF for VR3 for Stability
• Supply Voltage Rejection: 60 dB (Typical) @ f = 1.0 kHz
• These are Pb−Free Devices*




Similar Part No. - MC33765DTBR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33765DTBR2 ONSEMI-MC33765DTBR2 Datasheet
151Kb / 12P
   Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
June, 2006 ??Rev. 4
MC33765DTBR2G ONSEMI-MC33765DTBR2G Datasheet
151Kb / 12P
   Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
June, 2006 ??Rev. 4
More results


Similar Description - MC33765DTBR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33765 ONSEMI-MC33765_06 Datasheet
151Kb / 12P
   Very Low Dropout/Ultra Low Noise 5 Outputs Voltage Regulator
June, 2006 ??Rev. 4
logo
New Japan Radio
NJM2863 NJRC-NJM2863 Datasheet
134Kb / 7P
   Ultra Low Noise Low Dropout Voltage Regulator
NJM2898 NJRC-NJM2898 Datasheet
175Kb / 10P
   2ch ULTRA LOW NOISE LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCV8752 ONSEMI-NCV8752_16 Datasheet
1Mb / 21P
   Ultra-Low Noise, Low Dropout Regulator
January, 2016 ??Rev. 1
logo
AiT Semiconductor Inc.
A6307 AITSEMI-A6307 Datasheet
667Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 300mA ULTRA-LOW NOISE ULTRA-FAST
REV1.0
logo
Sensitron
SHD52627 SENSITRON-SHD52627 Datasheet
36Kb / 2P
   POSITIVE 5 VOLT VERY LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Semtech Corporation
SC8863 SEMTECH-SC8863_05 Datasheet
224Kb / 11P
   150mA Ultra Low Dropout, Low Noise Regulator
SC8863 SEMTECH-SC8863 Datasheet
92Kb / 9P
   150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
logo
STMicroelectronics
LD56100 STMICROELECTRONICS-LD56100 Datasheet
1Mb / 22P
   1 A very low dropout fast transient ultra-low noise linear regulator
Rev 2 - June 2020
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com