Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC64DM-12 Datasheet (PDF) - Intersil Corporation

X28HC64DM-12 Datasheet PDF - Intersil Corporation
Part # X28HC64DM-12
Download  X28HC64DM-12 Download

File Size   310.04 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5 Volt, Byte Alterable EEPROM

X28HC64DM-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
X28HC64DM-12 Datasheet PDF - Intersil Corporation

Part # X28HC64DM-12
Download  X28HC64DM-12 Click to download

File Size   310.04 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5 Volt, Byte Alterable EEPROM

X28HC64DM-12 Datasheet (HTML) - Intersil Corporation

Back Button X28HC64DM-12 Datasheet HTML 1Page - Intersil Corporation X28HC64DM-12 Datasheet HTML 2Page - Intersil Corporation X28HC64DM-12 Datasheet HTML 3Page - Intersil Corporation X28HC64DM-12 Datasheet HTML 4Page - Intersil Corporation X28HC64DM-12 Datasheet HTML 5Page - Intersil Corporation X28HC64DM-12 Datasheet HTML 6Page - Intersil Corporation X28HC64DM-12 Datasheet HTML 7Page - Intersil Corporation X28HC64DM-12 Datasheet HTML 8Page - Intersil Corporation X28HC64DM-12 Datasheet HTML 9Page - Intersil Corporation X28HC64DM-12 Datasheet HTML 10Page - Intersil Corporation Next Button 

X28HC64DM-12 Product details

DESCRIPTION
The X28HC64 is an 8K x 8 EEPROM, fabricated with Intersil’s proprietary, high performance, floating gate CMOS technology. Like all Intersil programmable nonvolatile memories, the X28HC64 is a 5V only device. It features the JEDEC approved pinto for byte-wide memories, compatible with industry standard RAMs.

FEATURES
• 70ns access time
• Simple byte and page write
    —Single 5V supply
    —No external high voltages or VPP control circuits
    —Self-timed
    —No erase before write
    —No complex programming algorithms
    —No overerase problem
• Low power CMOS
    —40mA active current max.
    —200µA standby current max.
• Fast write cycle times
    —64-byte page write operation
    —Byte or page write cycle: 2ms typical
    —Complete memory rewrite: 0.25 sec. typical
    —Effective byte write cycle time: 32µs typical
• Software data protection
• End of write detection
    —DATA polling
    —Toggle bit
• High reliability
    —Endurance: 1 million cycles
    —Data retention: 100 years
• JEDEC approved byte-wide pin out




Similar Part No. - X28HC64DM-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC64DM-12 XICOR-X28HC64DM-12 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Similar Description - X28HC64DM-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_09 Datasheet
363Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com