Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1228V14IZ Datasheet (PDF) - Intersil Corporation

X1228V14IZ Datasheet PDF - Intersil Corporation
Part # X1228V14IZ
Download  X1228V14IZ Download

File Size   430.59 Kbytes
Page   29 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Real Time Clock/Calendar/CPU Supervisor with EEPROM

X1228V14IZ Datasheet (PDF)

Go To PDF Page Download Datasheet
X1228V14IZ Datasheet PDF - Intersil Corporation

Part # X1228V14IZ
Download  X1228V14IZ Click to download

File Size   430.59 Kbytes
Page   29 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Real Time Clock/Calendar/CPU Supervisor with EEPROM

X1228V14IZ Datasheet (HTML) - Intersil Corporation

Back Button X1228V14IZ Datasheet HTML 1Page - Intersil Corporation X1228V14IZ Datasheet HTML 2Page - Intersil Corporation X1228V14IZ Datasheet HTML 3Page - Intersil Corporation X1228V14IZ Datasheet HTML 4Page - Intersil Corporation X1228V14IZ Datasheet HTML 5Page - Intersil Corporation X1228V14IZ Datasheet HTML 6Page - Intersil Corporation X1228V14IZ Datasheet HTML 7Page - Intersil Corporation X1228V14IZ Datasheet HTML 8Page - Intersil Corporation X1228V14IZ Datasheet HTML 9Page - Intersil Corporation X1228V14IZ Datasheet HTML 10Page - Intersil Corporation Next Button 

X1228V14IZ Product details

Real Time Clock/Calendar/CPU Supervisor with EEPROM



FEATURES

• Real Time Clock/Calendar

   — Tracks Time in Hours, Minutes, and Seconds

   — Day of the Week, Day, Month, and Year

• 2 Polled Alarms (Non-volatile)

   — Settable on the Second, Minute, Hour, Day of the Week, Day, or Month

   — Repeat Mode (periodic interrupts)

• Oscillator Compensation on Chip

   — Internal Feedback Resistor and Compensation Capacitors

   — 64 Position Digitally Controlled Trim Capacitor

   — 6 Digital Frequency Adjustment Settings to ±30ppm

• CPU Supervisor Functions

   — Power-On Reset, Low Voltage Sense

   — Watchdog Timer (SW Selectable: 0.25s, 0.75s, 1.75s, off)

• Battery Switch or Super Cap Input

• 512 x 8 Bits of EEPROM

   — 64-Byte Page Write Mode

   — 8 Modes of Block Lock™ Protection

   — Single Byte Write Capability

• High Reliability

   — Data Retention: 100 Years

   — Endurance: 100,000 Cycles Per Byte

• 2-Wire™ Interface Interoperable with I2C*

   — 400kHz Data Transfer Rate

• Frequency Output (SW Selectable: Off, 1Hz, 4096Hz, or 32.768kHz)

• Low Power CMOS

   — 1.25µA Operating Current (Typical)

• Small Package Options

   — 14 Ld SOIC and 14 Ld TSSOP

• Repetitive Alarms

• Temperature Compensation

• Pb-Free Plus Anneal Available (RoHS Compliant)



APPLICATIONS

• Utility Meters

• HVAC Equipment

• Audio/Video Components

• Set Top Box/Television

• Modems

• Network Routers, Hubs, Switches, Bridges

• Cellular Infrastructure Equipment

• Fixed Broadband Wireless Equipment

• Pagers/PDA

• POS Equipment

• Test Meters/Fixtures

• Office Automation (Copiers, Fax)

• Home Appliances

• Computer Products

• Other Industrial/Medical/Automotive



 




Similar Part No. - X1228V14IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1228V14IZ INTERSIL-X1228V14IZ Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228V14IZ RENESAS-X1228V14IZ Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228V14IZ-2.7 INTERSIL-X1228V14IZ-2.7 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228V14IZ-2.7 RENESAS-X1228V14IZ-2.7 Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228V14IZ-2.7A INTERSIL-X1228V14IZ-2.7A Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Similar Description - X1228V14IZ

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1228 XICOR-X1228 Datasheet
569Kb / 31P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com