Datasheet Search System

Mirror site :  alldatasheet.net,   alldatasheet.co.kr
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name    
    Description 
Shortcut : 2322-595-3016(1)  

2322-595-3016 - The varistors consist of a disc of low-ceramic material with two tinned solid copper leads. - Vishay Siliconix

Click Here View 2322-595-3016 Datasheet

Part No.2322-595-3016
Description The varistors consist of a disc of low-ceramic material with two tinned solid copper leads.
Download 2322-595-3016 Click here to View
File Size 281.4 Kbytes / 14 Pages
Maker VISAY [Vishay Siliconix]
Homepage http://www.vishay.com

Related Electronics Part Number
Part NumberComponents DescriptionManufacturer
KPC714Photocoupler These Photocouplers consist of two Gallium Arsenide Infrared Emitting KODENSHI KOREA CORP.
TK70003SINGLE OUTPUT TWO INPUT SOLID STATE SWITCH TOKO, Inc
LC86E65488-Bit Single Chip Microcontroller with the UVEPROM Sanyo Semicon Device
74ALVCR162601Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26§Ù Series Resistors in the Outputs Fairchild Semiconductor
74VCX162827Low Voltage 20-Bit Buffer Line Driver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs Fairchild Semiconductor
AN201High-Performance Multiplexing with the DG408 Vishay Siliconix
L76761CSYCThe Super Bright Yellow source color devices are made with DH InGaAIP on GaAs substrate Light Emitting Diode. Kingbright Corporation
PSA08-11EWAThe High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode. Kingbright Corporation
HL6724MGThe HL6724MG is a 0.67 um band AlGaInP laser diode with a multi-quantum well MQW structure Hitachi Semiconductor
D1B121000Dip type construction with the same terminal pitch as ICs or TTLs simplifies PC board designing. COSMO Electronics Corporation

Link URL :
Related keyword
  2322-595-3016 Datasheet   2322-595-3016 Cross Reference   2322-595-3016 Schematic   2322-595-3016 Distributor   2322-595-3016 Datenblatt   2322-595-3016 RoHS
  2322-595-3016 Equivalent   2322-595-3016 Application Notes   2322-595-3016 Data Sheet   2322-595-3016 component   2322-595-3016 Fiche Technique   2322-595-3016 Circuit

Does ALLDATASHEET.COM help your business so far?   

All Rights Reserved© Alldatasheet.com 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer