|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MC1496 - BALANCED MODULATORS/DEMODULATORS - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AM028D1-00 | 26-33 GHz GaAs MMIC Double Balanced Down Converter Mixer | 1 2 | Alpha Industries |
| HSM276SR | Silicon Schottky Barrier Diode for Balanced Mixer | 1 2 3 4 5 | Hitachi Semiconductor |
| MA4EX180M-1225 | Silicon Double Balanced HMICTM Mixer 1300 - 1900 MHz | 1 2 3 4 | Tyco Electronics |
| TUA6020 | 2 Band TV Tuner Mixer-Oscillator-PLL with balanced IF-Amplifier | 1 2 3 4 5 More | Infineon Technologies AG |
| U2796B | 2-GHz Single Balanced Mixer | 1 2 3 4 5 More | TEMIC Semiconductors |
| SPM5001 | RF Double Balanced Mixer | 1 2 3 | Sanyo Semicon Device |
| TL442M | Balanced mixers | 1 2 3 4 5 More | Texas Instruments |
| AM028D1-A2 | 26-33 GHz Surface Mount Double Balanced Down Converter Mixer | 1 2 3 4 | Alpha Industries |
| HSM88AS | Silicon Schottky Barrier Diode for Balanced Mixer | 1 2 3 4 5 | Hitachi Semiconductor |
| MA4EX190H-1225 | Silicon Double Balanced HMICTM Mixer 1700 - 2300 MHz | 1 2 3 | Tyco Electronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 |
Link URL |
|
|