|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CS42432 - 108 dB, 192 kHz 4-in, 6-out TDM CODEC - Cirrus Logic |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CS42436 | 108 dB 192 kHz 6-in 6-out TDM CODEC | 1 2 3 4 5 More | Cirrus Logic |
| CS42438 | 108 dB 192 kHz 6-in 8-out TDM CODEC | 1 2 3 4 5 More | Cirrus Logic |
| CS42448 | 108 dB 192 kHz 6-in 8-out CODEC | 1 2 3 4 5 More | Cirrus Logic |
| CS4272 | 24-Bit 192 kHz Stereo Audio CODEC | 1 2 3 4 5 More | Cirrus Logic |
| CS4271 | 24-Bit 192 kHz Stereo Audio CODEC | 1 2 3 4 5 More | Cirrus Logic |
| WM8591 | 24 BIT 192 KHZ STEREO CODEC | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| CS4265 | 105 dB 24-Bit 192 kHz Stereo Audio CODEC | 1 2 3 4 5 More | Cirrus Logic |
| CS5351 | 108 dB 192 kHz Multi-Bit Audio A/D Converter | 1 2 3 4 5 More | Cirrus Logic |
| CS4270 | 24-Bit 192 kHz Stereo Audio CODEC | 1 2 3 4 5 More | Cirrus Logic |
| STAC9460 | Two and Six-Channel 24-Bit 192 kHz Audio Codec | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 |
Link URL |
|
|