Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14526BDW Datasheet (PDF) - ON Semiconductor

MC14526BDW Datasheet PDF - ON Semiconductor
Part # MC14526BDW
Download  MC14526BDW Download

File Size   208.2 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Presettable 4-Bit Down Counters

MC14526BDW Datasheet (PDF)

Go To PDF Page Download Datasheet
MC14526BDW Datasheet PDF - ON Semiconductor

Part # MC14526BDW
Download  MC14526BDW Click to download

File Size   208.2 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Presettable 4-Bit Down Counters

MC14526BDW Datasheet (HTML) - ON Semiconductor

Back Button MC14526BDW Datasheet HTML 1Page - ON Semiconductor MC14526BDW Datasheet HTML 2Page - ON Semiconductor MC14526BDW Datasheet HTML 3Page - ON Semiconductor MC14526BDW Datasheet HTML 4Page - ON Semiconductor MC14526BDW Datasheet HTML 5Page - ON Semiconductor MC14526BDW Datasheet HTML 6Page - ON Semiconductor MC14526BDW Datasheet HTML 7Page - ON Semiconductor MC14526BDW Datasheet HTML 8Page - ON Semiconductor MC14526BDW Datasheet HTML 9Page - ON Semiconductor MC14526BDW Datasheet HTML 10Page - ON Semiconductor Next Button 

MC14526BDW Product details

Presettable 4−Bit Down Counters

The MC14526B binary counter is constructed with MOS P−channel and N−channel enhancement mode devices in a monolithic structure.
This device is presettable, cascadable, synchronous down counter with a decoded “0” state output for divide−by−N applications. In single stage applications the “0” output is applied to the Preset Enable input. The Cascade Feedback input allows cascade divide−by−N operation with no additional gates required. The Inhibit input allows disabling of the pulse counting function. Inhibit may also be used as a negative edge clock.

Features
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Logic Edge−Clocked Design: Incremented on Positive Transition of
    Clock or Negative Transition of Inhibit
• Asynchronous Preset Enable
• Capable of Driving Two Low−Power TTL Loads or One Low−Power
    Schottky TTL Load Over the Rated Temperature Range
• Pb−Free Packages are Available*




Similar Part No. - MC14526BDW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14526BDW MOTOROLA-MC14526BDW Datasheet
286Kb / 10P
   Presettable 4-Bit Down Counters
logo
ON Semiconductor
MC14526BDWG ONSEMI-MC14526BDWG Datasheet
156Kb / 10P
   Presettable 4-Bit Down Counters
May, 2013 ??Rev. 7
MC14526BDWG ONSEMI-MC14526BDWG Datasheet
125Kb / 9P
   Presettable 4-Bit Down Counters
July, 2014 ??Rev. 8
MC14526BDWR2G ONSEMI-MC14526BDWR2G Datasheet
156Kb / 10P
   Presettable 4-Bit Down Counters
May, 2013 ??Rev. 7
MC14526BDWR2G ONSEMI-MC14526BDWR2G Datasheet
125Kb / 9P
   Presettable 4-Bit Down Counters
July, 2014 ??Rev. 8
More results


Similar Description - MC14526BDW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14526BDWR2G ONSEMI-MC14526BDWR2G Datasheet
156Kb / 10P
   Presettable 4-Bit Down Counters
May, 2013 ??Rev. 7
MC14526B ONSEMI-MC14526B_14 Datasheet
125Kb / 9P
   Presettable 4-Bit Down Counters
July, 2014 ??Rev. 8
logo
Motorola, Inc
MC14522B MOTOROLA-MC14522B Datasheet
286Kb / 10P
   Presettable 4-Bit Down Counters
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
logo
ON Semiconductor
MC14526B ONSEMI-MC14526B_06 Datasheet
121Kb / 10P
   Presettable 4?묪it Down Counters
April, 2006 ??Rev. 5
logo
Intersil Corporation
CD54AC191 INTERSIL-CD54AC191 Datasheet
11Kb / 1P
   Presettable Synchronous 4-Bit Binary Up/Down Counters
June 1997
logo
Motorola, Inc
MC14163B MOTOROLA-MC14163B Datasheet
704Kb / 15P
   SYNCHRONUS PRESETTABLE 4-BIT COUNTERS
logo
Micro Electronics
MMC40192 MICRO-ELECTRONICS-MMC40192 Datasheet
181Kb / 5P
   PRESETTABLE UP / DOWN COUNTERS
logo
STMicroelectronics
HCF4510B STMICROELECTRONICS-HCF4510B Datasheet
136Kb / 12P
   PRESETTABLE UP/DOWN COUNTERS
logo
List of Unclassifed Man...
MMC4510 ETC1-MMC4510 Datasheet
224Kb / 6P
   PRESETTABLE UP / DOWN COUNTERS
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com