|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PS7200J-1A-F4 - 4 PIN SOP LOW OUTPUT CAPACITANCE SOLID STATE RELAY - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PS7341B-1B | 6 PIN DIP LOW OUTPUT CAPACITANCE LOW ON-STATE RESISTANCE SOLID STATE RELAY | 1 2 | NEC |
| PS7200R | NECs 4 PIN SOP 1.1 pF LOW OUTPUT CAPACITANCE 1-ch OPTICAL COUPLED MOSFET | 1 2 3 4 5 More | NEC |
| LH1544AAC | Dual 1 Form A Solid State Relay Low Capacitance | 1 2 3 4 5 More | Vishay Siliconix |
| PS7841-A15 | FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY | 1 2 3 | NEC |
| PS7431-1A | NECs 4 PIN SOP PACKAGE HIGH ISOLATION VOLTAGE 3000 V.r.m.s. 1 FORM A TYPE SOLID STATE RELAY | 1 2 | NEC |
| KAQV414H | SOLID STATE RELAY - MOSFET OUTPUT | 1 2 3 4 5 More | COSMO Electronics Corporation |
| KAQY216H | SOLID STATE RELAY - MOSFET OUTPUT | 1 2 3 4 5 More | COSMO Electronics Corporation |
| PS7142-2A | 8 PIN DIP SOLID STATE RELAY | 1 2 3 4 5 More | NEC |
| PS7342C-1A | 6 PIN DIP SOLID STATE RELAY | 1 2 3 4 5 More | NEC |
| KAQW210H | SOLID STATE RELAY - MOSFET OUTPUT | 1 2 3 4 5 More | COSMO Electronics Corporation |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|