|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PS7122-2B - 8 PIN DIP TYPE OPTO-COUPLED SOLID DTATE RELAY - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PS7431-1A | NECs 4 PIN SOP PACKAGE HIGH ISOLATION VOLTAGE 3000 V.r.m.s. 1 FORM A TYPE SOLID STATE RELAY | 1 2 | NEC |
| PS7341B-1B | 6 PIN DIP LOW OUTPUT CAPACITANCE LOW ON-STATE RESISTANCE SOLID STATE RELAY | 1 2 | NEC |
| PS7342C-1A | 6 PIN DIP SOLID STATE RELAY | 1 2 3 4 5 More | NEC |
| PS7360 | HIGH ISOLATION VOLTAGE 6 PIN DIP SOLID STATE RELAY | 1 2 3 4 5 | NEC |
| PS7142-2A | 8 PIN DIP SOLID STATE RELAY | 1 2 3 4 5 More | NEC |
| PFKC05 | 5 WATTS REGULATED OUTPUT POWER / STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE | 1 2 | List of Unclassifed Manufacturers |
| PS7841-A15 | FOR OPTICAL DAA 16 PIN SOP SOLID STATE RELAY | 1 2 3 | NEC |
| PS7141-2B | 6 AND 8 PIN DIP 400 V BREAKDOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH 2-CH OPTICAL COUPLED MOSFET | 1 2 3 4 5 More | NEC |
| PS9614 | NECs HIGH NOISE REDUCTION HIGH SPEED DIGITAL OUTPUT TYPE 8 PIN DIP OPTOCOUPLER | 1 2 3 4 5 More | NEC |
| PS7142-1C | 8 PIN DIP 400 V BREAKDOWN VOLTAGE TRANSFER TYPE 2-CH OPTICAL COUPLED MOSFET | 1 2 3 4 5 More | California Eastern Labs |
Datasheet Page |
1 2 |
Link URL |
|
|