|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MC-7893 - 1 GHz CATV 23 dB POWER DOUBLER AMPLIFIER - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MC-7894 | 1 GHz CATV 25 dB POWER DOUBLER AMPLIFIER | 1 2 3 4 5 More | NEC |
| MHW7185A | High Ouput Power Doubler 750 MHz CATV Amplifier | 1 2 | Motorola, Inc |
| ACA2401 | 750/870 MHz CATV Power Doubler Line Amplifier | 1 2 3 4 5 More | ANADIGICS, Inc |
| MHW7185C | High Ouput Power Doubler 750 MHz CATV Amplifier | 1 2 | Motorola, Inc |
| MHW7185CR | High Ouput Mirror Power Doubler 750 MHz CATV Amplifier | 1 2 | Motorola, Inc |
| ACA2407E | 750/870 MHz CATV Power Doubler Line Amplifier | 1 2 3 4 5 More | ANADIGICS, Inc |
| MHW7205C | High Ouput Power Doubler 750 MHz CATV Amplifier | 1 2 | Motorola, Inc |
| BGD104 | CATV power doubler amplifier module | 1 2 3 4 5 More | NXP Semiconductors |
| MC-7845 | NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER | 1 2 | NEC |
| MC7884 | NECs 870 MHz GaAs CATV POWER DOUBLER AMPLIFIER | 1 2 | California Eastern Labs |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|