Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EL35 Datasheet (PDF) - ON Semiconductor

MC10EL35 Datasheet PDF - ON Semiconductor
Part # MC10EL35
Download  MC10EL35 Download

File Size   75.53 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description JK Flip-Flop

MC10EL35 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10EL35 Datasheet PDF - ON Semiconductor

Part # MC10EL35
Download  MC10EL35 Click to download

File Size   75.53 Kbytes
Page   3 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description JK Flip-Flop

MC10EL35 Datasheet (HTML) - ON Semiconductor

MC10EL35 Datasheet HTML 1Page - ON Semiconductor MC10EL35 Datasheet HTML 2Page - ON Semiconductor MC10EL35 Datasheet HTML 3Page - ON Semiconductor

MC10EL35 Product details

Description

The MC10EL/100EL35 is a high speed JK flip-flop. The J/K data enters the master portion of the flip-flop when the clock is LOW and is transferred to the slave, and thus the outputs, upon a positive transition of the clock. The reset pin is asynchronous and is activated with a logic HIGH.

The 100 Series contains temperature compensation.



Features

• 525 ps Propagation Delay

• 2.2G Hz Toggle Frequency

• ESD Protection:

   ♦ > 1 kV Human Body Model

   ♦ > 100 V Machine Model

• PECL Mode Operating Range: VCC = 4.2 V to 5.7 with VEE = 0 V

• NECL Mode Operating Range: VCC = 0 V with VEE = −4.2 V to −5.7 V

• Internal Input Pulldown Resistors on J, K, CLK, and R

• Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test

• Moisture Sensitivity:

   ♦ Level 1 for SOIC−8 NB

   ♦ Level 3 for TSSOP−8

   ♦ For Additional Information, see Application Note AND8003/D

• Flammability Rating: UL−94 V−0 @ 0.125 in, Oxygen Index 28 to 34

• Transistor Count = 81 Devices

• These Devices are Pb-Free, Halogen Free and are RoHS Compliant



 




Similar Part No. - MC10EL35

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL35 ONSEMI-MC10EL35 Datasheet
144Kb / 8P
   5V ECL JK Flip-Flop
December, 2006 ??Rev. 6
MC10EL35 ONSEMI-MC10EL35 Datasheet
157Kb / 7P
   5 V ECL JK Flip?륡lop
July, 2016 ??Rev. 8
MC10EL35D ONSEMI-MC10EL35D Datasheet
144Kb / 8P
   5V ECL JK Flip-Flop
December, 2006 ??Rev. 6
MC10EL35D ONSEMI-MC10EL35D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EL35DG ONSEMI-MC10EL35DG Datasheet
144Kb / 8P
   5V ECL JK Flip-Flop
December, 2006 ??Rev. 6
More results


Similar Description - MC10EL35

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35_06 Datasheet
50Kb / 4P
   JK FLIP-FLOP
logo
ON Semiconductor
MC10EP35 ONSEMI-MC10EP35 Datasheet
81Kb / 8P
   JK Flip Flop
Sep, 1999 ??Rev. 1.0
logo
Micrel Semiconductor
SY10EL35 MICREL-SY10EL35 Datasheet
47Kb / 4P
   JK FLIP-FLOP
logo
NXP Semiconductors
HEF4027B NXP-HEF4027B Datasheet
83Kb / 13P
   Dual JK flip-flop
Rev. 05-10 November 2008
logo
Nexperia B.V. All right...
HEF4027B NEXPERIA-HEF4027B Datasheet
220Kb / 11P
   Dual JK flip-flop
Rev. 11 - 7 December 2021
logo
Integral Corp.
IW4027B INTEGRAL-IW4027B Datasheet
48Kb / 6P
   Dual JK Flip-Flop
logo
KODENSHI_AUK CORP.
KK4027B KODENSHI-KK4027B Datasheet
232Kb / 6P
   Dual JK Flip-Flop
logo
NXP Semiconductors
HEF4027B PHILIPS-HEF4027B Datasheet
64Kb / 5P
   Dual JK flip-flop
January 1995
logo
IK Semicon Co., Ltd
IW4027B IKSEMICON-IW4027B Datasheet
158Kb / 6P
   Dual JK Flip-Flop
logo
List of Unclassifed Man...
GD4027B ETC1-GD4027B Datasheet
89Kb / 3P
   DUAL JK FLIP-FLOP
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com