|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BP5086A20S - AC100V input, output-1 :4V/1mA, output-2 : 20V/160mA - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BP5081A15 | AC/DC converter - AC100V input output-1 : 15V/80mA output-2 : 5V/350mA | 1 2 3 | Rohm |
| BP5062A | AC100V input −12V/500mA output | 1 2 3 | Rohm |
| BP5034D12 | AC/DC converter AC100V input 12V/100mA output | 1 2 3 | Rohm |
| BP5062A5 | AC100V input −5V/500mA output | 1 2 3 | Rohm |
| BP5063-5 | AC100V input 5V/200mA output | 1 2 3 | Rohm |
| BP5034D24 | AC100V input 24V/50mA output | 1 2 3 | Rohm |
| BP5065C5 | AC100V input −5V/100mA output | 1 2 3 | Rohm |
| BP5034D24 | AC100V input 24V/50mA output | 1 2 | Rohm |
| BP5067-15 | AC100V input 15V/300mA output | 1 2 3 | Rohm |
| BP5068A24 | AC100V input -24V/600mA output | 1 2 3 | Rohm |
Datasheet Page |
1 2 3 |
Link URL |
|
|