|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
JTN1ASPADC24V - COMPACT ECONOMICAL 30 AMP. RELAY - Nais(Matsushita Electric Works) |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| JW1ASN-DC5V | COMPACT PC BOARD POWER RELAY | 1 2 3 4 5 | Nais(Matsushita Electric Works) |
| FTR-P3 | COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS | 1 2 3 4 5 More | Fujitsu Component Limited. |
| JM1AN | COMPACT POWER RELAY FOR INDUCTIVE LOAD | 1 2 3 4 | Nais(Matsushita Electric Works) |
| MR62 | DPDT Signal Relay | 1 2 | List of Unclassifed Manufacturers |
| FBI4A7M1 | 4 Amp. Glass Passivated Bridge Rectifier | 1 2 | List of Unclassifed Manufacturers |
| IRPLCFL1 | POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST | 1 2 3 4 5 More | International Rectifier |
| MSA-RM-1 | Replacement Relay Modules for MINI-SCREEN and MICRO-SCREEN Metal Boxes | 1 | List of Unclassifed Manufacturers |
| RA07M3843M | RoHS Compliance 378-430MHz 7W 7.2V 2Stage Amp. For PORTABLE RADIO | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| FXE | Low Profile Compact Size / High Contact Capacity | 1 2 | List of Unclassifed Manufacturers |
| TLP197A | TOSHIBA PHOTOCOUPLER PHOTO RELAY | 1 2 3 4 5 More | Toshiba Semiconductor |
Datasheet Page |
1 2 3 |
Link URL |
|
|