Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100E431 Datasheet (PDF) - ON Semiconductor

MC100E431 Datasheet PDF - ON Semiconductor
Part # MC100E431
Download  MC100E431 Download

File Size   109.58 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-BIT DIFFERENTIAL FLIP-FLOP

MC100E431 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100E431 Datasheet PDF - ON Semiconductor

Part # MC100E431
Download  MC100E431 Click to download

File Size   109.58 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 3-BIT DIFFERENTIAL FLIP-FLOP

MC100E431 Datasheet (HTML) - ON Semiconductor

MC100E431 Datasheet HTML 1Page - ON Semiconductor MC100E431 Datasheet HTML 2Page - ON Semiconductor MC100E431 Datasheet HTML 3Page - ON Semiconductor MC100E431 Datasheet HTML 4Page - ON Semiconductor

MC100E431 Product details

Description
The MC10E/100E431 is a 3-bit flip-flop with differential clock, data input and data output.
The asynchronous Set and Reset controls are edge-triggered rather than level controlled. This allows the user to rapidly set or reset the flip-flop and then continue clocking at the next clock edge, without the necessity of de-asserting the set/reset signal (as would be the case with a level controlled set/reset).
   
Features
• Edge-Triggered Asynchronous Set and Reset
• Differential D, CLK and Q; VBB Reference Available
• 1100 MHz Min. Toggle Frequency
• PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
    with VEE = 0 V
• NECL Mode Operating Range: VCC = 0 V
    with VEE = −4.2 V to −5.7 V
• Internal Input 50 kΩ Pulldown Resistors
• ESD Protection: Human Body Model; > 2 kV,
                             Machine Model; > 200 V
                             Charged Device Model; > 2 kV
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC
    Latchup Test   
• Moisture Sensitivity Level: Pb = 1; Pb−Free = 3
    For Additional Information, see Application Note
    AND8003/D
• Flammability Rating: UL 94 V−0 @ 0.125 in,
    Oxygen Index: 28 to 34
• Transistor Count = 348 devices
• Pb−Free Packages are Available*
   




Similar Part No. - MC100E431

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E431 ONSEMI-MC100E431 Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
MC100E431FN ONSEMI-MC100E431FN Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
MC100E431FNG ONSEMI-MC100E431FNG Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
MC100E431FNR2 ONSEMI-MC100E431FNR2 Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
MC100E431FNR2G ONSEMI-MC100E431FNR2G Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
More results


Similar Description - MC100E431

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10E431 MICREL-SY10E431_06 Datasheet
62Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
SY10E431 MICREL-SY10E431 Datasheet
61Kb / 4P
   3-BIT DIFFERENTIAL FLIP-FLOP
logo
ON Semiconductor
MC10E431 ONSEMI-MC10E431_06 Datasheet
133Kb / 9P
   5V ECL 3-Bit Differential Flip-Flop
November, 2006 ??Rev. 10
MC10EL51 ONSEMI-MC10EL51 Datasheet
80Kb / 3P
   Differential Clock D Flip-Flop
1996 REV 2
logo
Micrel Semiconductor
SY10EL51 MICREL-SY10EL51 Datasheet
50Kb / 4P
   DIFFERENTIAL CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC100LVEL51 ONSEMI-MC100LVEL51 Datasheet
82Kb / 3P
   Differential Clock D Flip-Flop
1996 REV 1
logo
Micrel Semiconductor
SY10EL51 MICREL-SY10EL51_05 Datasheet
52Kb / 4P
   DIFFERENTIAL CLOCK D FLIP-FLOP
logo
Texas Instruments
SN74AVC16722 TI-SN74AVC16722 Datasheet
202Kb / 1P
[Old version datasheet]   22-BIT FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Semtech Corporation
SK10E131PJ SEMTECH-SK10E131PJ Datasheet
113Kb / 4P
   4-bit D Flip-Flop
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com