|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BP5065C - AC/DC converter AC100V input, −12V/90mA output - Rohm |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BP5034D12 | AC/DC converter AC100V input 12V/100mA output | 1 2 3 | Rohm |
| BP5034D15 | AC/DC converter AC100V input 15V/80mA output | 1 2 3 | Rohm |
| BP5033-12 | AC/DC converter - AC100V input 12V/100mA output | 1 2 3 | Rohm |
| BP5039-15 | AC/DC converter - AC100V input 15V/200mA output | 1 2 3 | Rohm |
| BP5039A | AC/DC converter - AC100V input 24V/200mA output | 1 2 3 | Rohm |
| BP5068-15 | AC/DC converter - AC100V input -15V/800mA output | 1 2 3 | Rohm |
| BP5710-1 | AC/DC converter AC100V input 12V/350mA output | 1 2 3 | Rohm |
| BP5062A5 | AC100V input −5V/500mA output | 1 2 3 | Rohm |
| SLD10UDD | SLD10 Series . 10A Non-Isolated DC/DC Converter 5V 3.3V Input Dual Output | 1 2 | Power-One |
| DAC7615 | Quad Serial Input 12-Bit Voltage Output DIGITAL-TO-ANALOG CONVERTER | 1 2 3 4 5 More | Burr-Brown Corporation |
Datasheet Page |
1 2 3 |
Link URL |
|
|