|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SP8855D - 1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER - Zarlink Semiconductor Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SP8852E | 2·7GHz Parallel Load Professional Synthesiser | 1 2 3 4 5 More | Mitel Networks Corporation |
| SP8854E | 2·7GHz Parallel Load Professional Synthesiser | 1 2 3 4 5 More | Mitel Networks Corporation |
| SP8855E | 2.8GHz Parallel Load Professional Synthesiser | 1 2 3 4 5 More | Mitel Networks Corporation |
| SP8858 | 1·5GHz Professional Synthesiser | 1 2 3 4 5 More | Mitel Networks Corporation |
| SP8853A | 1·3GHz Professional Synthesiser | 1 2 3 4 5 More | Mitel Networks Corporation |
| TDA8586 | Power amplifier with load detection and auto BTL/SE selection | 1 2 3 4 5 More | NXP Semiconductors |
| MP4208 | N CHANNEL MSO TYPE HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING | 1 2 3 4 5 More | Toshiba Semiconductor |
| FTD1012 | Load Switching Applications | 1 2 3 4 | Sanyo Semicon Device |
| FW231 | Load Switching Applications | 1 2 3 4 | Sanyo Semicon Device |
| FDC6324L | Integrated Load Switch | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 |
Link URL |
|
|