Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNT4882 Datasheet (PDF) - Pan Jit International Inc.

TNT4882 Datasheet PDF - Pan Jit International Inc.
Part # TNT4882
Download  TNT4882 Download

File Size   202.08 Kbytes
Page   16 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description Single-Chip IEEE 488.2 Talker/Listener ASIC

TNT4882 Datasheet (PDF)

Go To PDF Page Download Datasheet
TNT4882 Datasheet PDF - Pan Jit International Inc.

Part # TNT4882
Download  TNT4882 Click to download

File Size   202.08 Kbytes
Page   16 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description Single-Chip IEEE 488.2 Talker/Listener ASIC

TNT4882 Datasheet (HTML) - Pan Jit International Inc.

Back Button TNT4882 Datasheet HTML 1Page - Pan Jit International Inc. TNT4882 Datasheet HTML 2Page - Pan Jit International Inc. TNT4882 Datasheet HTML 3Page - Pan Jit International Inc. TNT4882 Datasheet HTML 4Page - Pan Jit International Inc. TNT4882 Datasheet HTML 5Page - Pan Jit International Inc. TNT4882 Datasheet HTML 6Page - Pan Jit International Inc. TNT4882 Datasheet HTML 7Page - Pan Jit International Inc. TNT4882 Datasheet HTML 8Page - Pan Jit International Inc. TNT4882 Datasheet HTML 9Page - Pan Jit International Inc. TNT4882 Datasheet HTML 10Page - Pan Jit International Inc. Next Button 

TNT4882 Product details

Description
The TNT4882 provides a single-chip IEEE 488.2 Talker/Listener interface to the general-purpose interface bus (GPIB). The TNT4882 combines the circuitry of the NAT4882 IEEE 488.2 application-specific integrated circuit (ASIC), Turbo488 performance-enhancing ASIC, and GPIB transceivers to create a single-chip IEEE 488.2 interface. Because the TNT4882 contains the NAT4882 register set, which in turn has the NEC µPD7210 and TI TMS 9914A register sets, developers using any of these chips can easily port existing code directly to the TNT4882, thereby significantly reducing software development time. Also, with just a few modifications, you can implement all the improved features of the IEEE 488.2 standard. The TNT4882 is ideal for use in all IEEE 488 instrument designs because of its small size, surface-mount ability, and performance enhancements that include HS488, a new high-speed mode for GPIB transfers.

Features
   100-pin plastic quad flat pack (QFP), surface
      mount package
   IEEE 488.1-compatible transceivers on chip
   Fast data transfers
      – Up to 1.5 Mbytes/s using interlocked
         IEEE 488.1 handshake
      – Up to 8 Mbytes/s using HS488™
   Two 8-bit 16-deep FIFOs buffer data
      between GPIB and CPU
   With exception of Controller, performs all
      IEEE 488 interface functions
      – SH1, AH1, T5 or TE5, L3 or LE3,
         SR1, RL1, PP1 or PP2, DC1, DT1,
         and C0
   Meets all IEEE 488.2 requirements
      – Bus line monitoring
      – Preferred implementation of
         requesting service
      – Not sending messages when there are
         no Listeners
   Software compatible with
      Turbo488™/NAT4882™ ASICs
   Reduces software overhead
      – Does not lose a data byte if ATN is
         asserted while transmitting data
      – Static interrupts status bits that do
         not clear when read
      – Automatically transmits END or
         performs RFD holdoff on last byte
         of DMA transfer
      – Interrupts when handshake is
         complete on last byte of a DMA
         transfer
      – Has 32-bit counter for large,
         uninterrupted data transfers
   Programmable timer interrupt for
      general-purpose timing use
   Complete in-system functional testing
      with internal loop-back mode
   ISA bus glue logic on chip
   Direct memory access (DMA)
   Device status indicator pins
      – My Address, Talk Addressed, Listen
         Addressed, REM, DCAS, TRIG
   Automatically processes IEEE 488
      commands and reads undefined
      commands
   Handles 6 primary and secondary
      addressing modes
   Automatic EOS and/or NL message
      detection
   Programmable data transfer rate –
   TTL-compatible CMOS device





Similar Description - TNT4882

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8291A INTEL-8291A Datasheet
2Mb / 32P
   GPIB TALKER/LISTENER
logo
List of Unclassifed Man...
NAT9914BPL ETC1-NAT9914BPL Datasheet
230Kb / 10P
   IEEE 488.2 Controller Chip
logo
Advantech Co., Ltd.
PCI-1671UP ADVANTECH-PCI-1671UP Datasheet
189Kb / 1P
   IEEE-488.2 Interface Low Profile Universal PCI Card
PCI-1671UP ADVANTECH-PCI-1671UP_14 Datasheet
209Kb / 1P
   IEEE-488.2 Interface Low Profile Universal PCI Card
logo
National Instruments Co...
GPIB-USB-HS NI-GPIB-USB-HS Datasheet
200Kb / 4P
   Completely IEEE 488.2 compatible/Controls up to 14 GPIB instruments
logo
Contec Co., Ltd
GPIB-FL2-USB CONTEC-GPIB-FL2-USB Datasheet
233Kb / 2P
   High Speed IEEE-488.2 I/F Micro Converter for USB2.0
GP-IBF CONTEC-GP-IBF Datasheet
261Kb / 2P
   High-speed IEEE-488.2 GPIB communication board for Low Profile PCI
logo
Shenzhen Huazhimei Semi...
HM8001 HMSEMI-HM8001 Datasheet
422Kb / 3P
   Single ASIC chip design with very few external components
logo
List of Unclassifed Man...
PM100 ETC1-PM100 Datasheet
134Kb / 2P
   listeners to be connected to a single talker
logo
Microsemi Corporation
A42MX09-PL84I MICROSEMI-A42MX09-PL84I Datasheet
7Mb / 142P
   Single-Chip ASIC Alternative, 3,000 to 54,000 System Gates
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com