Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100E210FNR2 Datasheet (PDF) - ON Semiconductor

MC100E210FNR2 Datasheet PDF - ON Semiconductor
Part # MC100E210FNR2
Download  MC100E210FNR2 Download

File Size   121.52 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage Dual 1:4, 1:5 Differential Fanout Buffer

MC100E210FNR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100E210FNR2 Datasheet PDF - ON Semiconductor

Part # MC100E210FNR2
Download  MC100E210FNR2 Click to download

File Size   121.52 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Low Voltage Dual 1:4, 1:5 Differential Fanout Buffer

MC100E210FNR2 Datasheet (HTML) - ON Semiconductor

MC100E210FNR2 Datasheet HTML 1Page - ON Semiconductor MC100E210FNR2 Datasheet HTML 2Page - ON Semiconductor MC100E210FNR2 Datasheet HTML 3Page - ON Semiconductor MC100E210FNR2 Datasheet HTML 4Page - ON Semiconductor MC100E210FNR2 Datasheet HTML 5Page - ON Semiconductor MC100E210FNR2 Datasheet HTML 6Page - ON Semiconductor MC100E210FNR2 Datasheet HTML 7Page - ON Semiconductor MC100E210FNR2 Datasheet HTML 8Page - ON Semiconductor

MC100E210FNR2 Product details

Low Voltage Dual 1:4, 1:5 Differential Fanout Buffer ECL/PECL Compatible

The MC100LVE210 is a low voltage, low skew dual differential ECL fanout buffer designed with clock distribution in mind. The device features two fanout buffers, a 1:4 and a 1:5 buffer, on a single chip. The device features fully differential clock paths to minimize both device and system skew. The dual buffer allows for the fanout of two signals through a single chip, thus reducing the skew between the two fundamental signals from a part–to–part skew down to an output–to–output skew. This capability reduces the skew by a factor of 4 as compared to using two LVE111’s to accomplish the same task. The MC100LVE210 works from a –3.3V supply while the MC100E210 provides identical function and performance from a standard –4.5V 100E voltage supply.

• Dual Differential Fanout Buffers
• 200ps Part–to–Part Skew
• 50ps Typical Output–to–Output Skew
• Low Voltage ECL/PECL Compatible
• 28–lead PLCC Packaging




Similar Part No. - MC100E210FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E210FNR2 ONSEMI-MC100E210FNR2 Datasheet
64Kb / 8P
   5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
October, 2003 ??Rev. 2
More results


Similar Description - MC100E210FNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVE210 ONSEMI-MC100LVE210_06 Datasheet
84Kb / 8P
   3.3V ECL Dual 1:4, 1:5 Differential Fanout Buffer
December, 2006 ??Rev. 7
MC100E210 ONSEMI-MC100E210 Datasheet
64Kb / 8P
   5V ECL Dual 1:4, 1:5 Differential Fanout Buffer
October, 2003 ??Rev. 2
logo
Integrated Device Techn...
MC100ES8014 IDT-MC100ES8014 Datasheet
496Kb / 7P
   Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
logo
ON Semiconductor
MC100LVEL11 ONSEMI-MC100LVEL11 Datasheet
83Kb / 3P
   Low Voltage 1:2 Differential Fanout Buffer
1996 Rev 0
logo
Cypress Semiconductor
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
logo
ON Semiconductor
NB3L204K ONSEMI-NB3L204K Datasheet
319Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L204K ONSEMI-NB3L204K_17 Datasheet
406Kb / 14P
   Differential 1:4 HCSL Fanout Buffer
October, 2017 ??Rev. 1
NB7L14 ONSEMI-NB7L14_15 Datasheet
148Kb / 12P
   Differential 1:4 LVPECL Fanout Buffer
July, 2015 ??Rev. 6
logo
Integrated Circuit Syst...
ICS85210-31 ICST-ICS85210-31 Datasheet
257Kb / 14P
   LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
ICS85210-21 ICST-ICS85210-21 Datasheet
246Kb / 13P
   LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com