|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ZXMN10B08E6 - 100V N-CHANNEL ENHANCEMENT MODE MOSFET - Zetex Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZXMN10A08E6 | 100V N-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN10A11G | 100V N-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN10A09K | 100V N-CHANNEL ENHANCEMENT MODE MOSFET IN DPAK | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN10A08DN8 | 100V N-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN10A07F | 100V N-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN10A07Z | 100V N-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| NTE2379 | MOSFET N-Channel Enhancement Mode High Speed Switch | 1 2 3 | NTE Electronics |
| NTE2942 | MOSFET N-Channel Enhancement Mode High Speed Switch | 1 2 3 | NTE Electronics |
| NTE2969 | MOSFET N-Channel Enhancement Mode High Speed Switch | 1 2 3 | NTE Electronics |
| ZXM64N03X | 30V N-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|