Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO4420 Datasheet (PDF) - List of Unclassifed Manufacturers

AO4420 Datasheet PDF - List of Unclassifed Manufacturers
Part # AO4420
Download  AO4420 Download

File Size   476.52 Kbytes
Page   7 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description N-Channel Enhancement Mode Field Effect Transistor

AO4420 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4420 Datasheet PDF - List of Unclassifed Manufacturers

Part # AO4420
Download  AO4420 Click to download

File Size   476.52 Kbytes
Page   7 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description N-Channel Enhancement Mode Field Effect Transistor

AO4420 Datasheet (HTML) - List of Unclassifed Manufacturers

AO4420 Datasheet HTML 1Page - List of Unclassifed Manufacturers AO4420 Datasheet HTML 2Page - List of Unclassifed Manufacturers AO4420 Datasheet HTML 3Page - List of Unclassifed Manufacturers AO4420 Datasheet HTML 4Page - List of Unclassifed Manufacturers AO4420 Datasheet HTML 5Page - List of Unclassifed Manufacturers AO4420 Datasheet HTML 6Page - List of Unclassifed Manufacturers AO4420 Datasheet HTML 7Page - List of Unclassifed Manufacturers

AO4420 Product details

General Description
The AO4420 uses advanced trench technology to provide excellent RDS(ON), shoot-through immunity and body diode characteristics.This device is suitable for use as a synchronous switch in PWM applications. AO4420L is offered in a lead-free package. AO4420L ( Green Product ) is offered in a lead-free package.
   
Features
    VDS (V) = 30V
    ID = 13.7A
    RDS(ON) < 10.5mΩ (VGS = 10V)
    RDS(ON) < 12mΩ (VGS = 4.5V)
   




Similar Part No. - AO4420

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4420 AOSMD-AO4420 Datasheet
170Kb / 4P
   30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4420 WHXPCB-AO4420 Datasheet
1Mb / 4P
   30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4420 KEXIN-AO4420 Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4420 VBSEMI-AO4420 Datasheet
1,007Kb / 9P
   N-Channel 20V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4420 DOINGTER-AO4420 Datasheet
475Kb / 5P
   N-Channel MOSFET uses advanced trench technology
More results


Similar Description - AO4420

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com