|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FCH10U06 - 10A Avg. 60Volts - Nihon Inter Electronics Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| S7AH-10J | NON-ISOLATED DC/DC CONVERTERS 2.5V Input / 1.0 - 1.5V Output / 10A | 1 2 | Bel Fuse Inc. |
| STW10NC60 | N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMeshâ¢II MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| SB1020 | 10A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Won-Top Electronics |
| V7PB-10A | NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.0 - 5.0V Output / 10A | 1 2 3 4 5 More | Bel Fuse Inc. |
| SBA100-04J | 40V 10A Rectifier | 1 2 3 | Sanyo Semicon Device |
| 2SK2677 | HVX-2 Series Power MOSFET 900V 10A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| DE10P3 | Schottky Rectifiers SBD 30V 10A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| S10VTA80 | 3 Phase Bridge Diode 800V 10A | 1 2 3 4 5 | Shindengen Electric Mfg.Co.Ltd |
| HUF76131SK8 | 10A 30V 0.013 Ohm N-Channel Logic Level UltraFET Power MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| MBRD1040CT | 10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
Datasheet Page |
1 |
Link URL |
|
|