Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE1117 Datasheet (PDF) - List of Unclassifed Manufacturers

SE1117 Datasheet PDF - List of Unclassifed Manufacturers
Part # SE1117
Download  SE1117 Download

File Size   72.84 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description TECHNICAL DATA

SE1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
SE1117 Datasheet PDF - List of Unclassifed Manufacturers

Part # SE1117
Download  SE1117 Click to download

File Size   72.84 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description TECHNICAL DATA

SE1117 Datasheet (HTML) - List of Unclassifed Manufacturers

SE1117 Datasheet HTML 1Page - List of Unclassifed Manufacturers SE1117 Datasheet HTML 2Page - List of Unclassifed Manufacturers SE1117 Datasheet HTML 3Page - List of Unclassifed Manufacturers SE1117 Datasheet HTML 4Page - List of Unclassifed Manufacturers

SE1117 Product details

Features

◆Adjustable and Fixed of 1.8V, 2.5V, 3.3V, 5.0V

◆Space savingSMD types of SOT-223

◆Output Current upto 1A

◆Low Dropout Voltage (700mV at 1A Output Current )

◆VeryLow Quiescent Current

◆Internal Current and Terminal Limit

◆Output trimmed to ±2% Tolerance

◆0.04% Line Regulation, 0.1% Load Regulation



General Description

The SE1117 is a low power positive-voltage regulator designed to meet 1A of output current.

The SE1117 features very low quiescent current and very low dropout voltage of 700mV at a full load and lower as output current decreases. The SE1117 is available in four fixed voltages, 1.8V, 2.5V, 3.3V and 5.0V. Additonally it is also available in adjustable version. The SE1117 series is offered in a 3-pin SOT-223 packages. A minimum of 10uF capacitor is required at the output to improve the transient response and stability.




Similar Part No. - SE1117

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE1117A SECOS-SE1117A Datasheet
588Kb / 4P
   Adjustable or Fixed-Mode Regulator
More results


Similar Description - SE1117

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
   Technical Data
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
   Technical Data
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
   Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
   Technical Data
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
   Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
   Technical Data
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MPC5200BDS FREESCALE-MPC5200BDS Datasheet
977Kb / 72P
   Technical Data
logo
Motorola, Inc
BD185 MOTOROLA-BD185 Datasheet
108Kb / 2P
   TECHNICAL DATA
logo
Freescale Semiconductor...
MC68HC05C9 FREESCALE-MC68HC05C9 Datasheet
9Mb / 156P
   TECHNICAL DATA
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com