Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADNS-2001 Datasheet (PDF) - Agilent(Hewlett-Packard)

ADNS-2001 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ADNS-2001
Download  ADNS-2001 Download

File Size   203.97 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Optical Mouse Sensor

ADNS-2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADNS-2001 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ADNS-2001
Download  ADNS-2001 Click to download

File Size   203.97 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Optical Mouse Sensor

ADNS-2001 Datasheet (HTML) - Agilent(Hewlett-Packard)

Back Button ADNS-2001 Datasheet HTML 1Page - Agilent(Hewlett-Packard) ADNS-2001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) ADNS-2001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) ADNS-2001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) ADNS-2001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) ADNS-2001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) ADNS-2001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) ADNS-2001 Datasheet HTML 8Page - Agilent(Hewlett-Packard) ADNS-2001 Datasheet HTML 9Page - Agilent(Hewlett-Packard) ADNS-2001 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button 

ADNS-2001 Product details

Description
The ADNS-2001 is a low-cost reflective optical sensor that provides a non-mechanical tracking engine for implementing a computer mouse.

Features
• Optical navigation technology
    – Superior precision and smooth navigation optimized for desktop and portable mouse applications
    – No mechanical moving parts, provides high reliability and needs no maintenance
• Complete compact 2-D motion sensor
    – Easy implementation and design flexibility
    – Replaces mechanical ball system in traditional mice
• Two selectable output modes
    – Two channel quadrature output mode (X and Y direction) which emulates encoder phototransistors
    – Standard 3-button PS/2 output mode
• High speed motion detector
    – Accurately measures up to 16 inches per second at 400 cpi
• Accurate navigation over a wide range of surfaces
    – Enables mouse to be used with or without a mouse pad
• Power conservation mode during no motion
• Compatible with high volume manufacturing processes
    – Requires no precision optical alignment
    – Wave solderable
• 33% faster than HDNS-2000
    – 2000 fps (@ 24 MHz)

Applications
• Computer mice for desktop PCs, workstations, and portable computers
• Trackball
• Integrated input devices




Similar Part No. - ADNS-2001

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADNS-2030 AD-ADNS-2030 Datasheet
121Kb / 1P
   Solid-State Optical Mouse Sensor Sample Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-2030 AVAGO-ADNS-2030 Datasheet
566Kb / 34P
   Precise optical navigation technology
logo
Broadcom Corporation.
ADNS-2030 BOARDCOM-ADNS-2030 Datasheet
402Kb / 7P
   Optical Mouse Designer?셲 Kit
logo
Agilent(Hewlett-Packard...
ADNS-2051 HP-ADNS-2051 Datasheet
454Kb / 40P
   Optical Mouse Sensor
ADNS-2051 HP-ADNS-2051 Datasheet
717Kb / 51P
   Solid-State Optical Mouse Sensor
More results


Similar Description - ADNS-2001

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
ADNK-5030 AVAGO-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
ADNS-2051 AVAGO-ADNS-2051 Datasheet
588Kb / 40P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2052 BOARDCOM-ADNK-2052 Datasheet
106Kb / 1P
   Optical Mouse Sensor
ADNK-3000 BOARDCOM-ADNK-3000 Datasheet
58Kb / 1P
   Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-5020-EN AVAGO-ADNK-5020-EN Datasheet
108Kb / 1P
   Optical Mouse Sensor
ADNK-2620 AVAGO-ADNK-2620 Datasheet
107Kb / 1P
   Optical Mouse Sensor
ADNK-3550 AVAGO-ADNK-3550 Datasheet
100Kb / 1P
   Optical Mouse Sensor
logo
Broadcom Corporation.
ADNK-2080 BOARDCOM-ADNK-2080 Datasheet
185Kb / 1P
   Optical Mouse Sensor
ADNK-5030 BOARDCOM-ADNK-5030 Datasheet
89Kb / 1P
   Optical Mouse Sensor
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com