|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
L-813SRC - 10mm SUPER BRIGHT BIG LAMPS - Kingbright Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| L-813SGC | 10mm SUPER BRIGHT BIG LED LAMP | 1 2 3 | Kingbright Corporation |
| MV9100 | SUPER BRIGHT 10 mm LED LAMPS | 1 2 3 4 | Fairchild Semiconductor |
| L934SGC | T-1 3MM SUPER BRIGHT LED LAMPS | 1 2 3 4 | Kingbright Corporation |
| L934LID | T-1 3MM SUPER BRIGHT LED LAMPS | 1 2 3 4 5 | Kingbright Corporation |
| MV8102 | SUPER BRIGHT T-1 3/4 5mm LED LAMPS | 1 2 3 | QT Optoelectronics |
| L-53SG | T- 1 3/4 5mm SUPER BRIGHT LED LAMPS | 1 2 3 | List of Unclassifed Manufacturers |
| MV8140 | SUPER BRIGHT T-1 3/4 5mm LED LAMPS | 1 2 3 | QT Optoelectronics |
| LUR3333H | SUPER BRIGHT ROUND TYPE LED LAMPS | 1 2 3 4 5 | List of Unclassifed Manufacturers |
| MV8102 | SUPER BRIGHT T-1¾ 5mm LED LAMPS | 1 2 3 4 | Fairchild Semiconductor |
| MV8140 | SUPER BRIGHT T-1¾ 5mm LED LAMPS | 1 2 3 4 | Fairchild Semiconductor |
Datasheet Page |
1 2 3 |
Link URL |
|
|