Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      SY89112U(6)

Featured Products and Offers


Datasheet

    SY89112U - 2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Intermal Termination - Micrel Semiconductor

Page

 
Part No. SY89112U
Description  2.5V Low Jitter, Low Skew 1:12 LVDS Fanout Buffer with 2:1 Input MUX and Intermal Termination
Download  SY89112U Click to view
File Size   628.58 Kbytes / 14 Pages
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com/
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SY89835U2.5V 2GHz 3.2 Gbps Ultra-Precision Differential 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input 1 2 3 4 5 MoreMicrel Semiconductor
THS73533-Channel Low Power Video Buffer with I2C Control Selectable Filters External Gain Control 2:1 Input MUX and Selectable Input Modes 1 2 3 4 5 MoreTexas Instruments
SY58038UULTRA PRECISION 8:1 MUX WITH INTERNAL TERMINATION AND 1:2 LVPECL FANOUT BUFFER 1 2 3 4 5 MoreMicrel Semiconductor
NB4L62542.5V / 3.3V Differential LVPECL 2x2 Clock Switch and Low Skew Fanout Buffer 1 2 3 4 5 MoreON Semiconductor
THS73033-Channel Low Power Video Amplifier with I2C Control Selectable Filters 6-dB Gain SAG Correction 2:1 Input MUX and Selectable Input Bias Modes 1 2 3 4 5 MoreTexas Instruments
SCAN15MB200Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6 1 2 3 4 5 MoreNational Semiconductor
SY89832U2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor
THS73273-Channel RGBHV Video Buffer with I2C Control Selectable Filters Monitor Pass-Thru 2:1 Input MUX and Selectable Input Bias Modes 1 2 3 4 5 MoreTexas Instruments
SY100EP15V3.3V / 5V 2.5GHz PECL/ECL 1:4 FANOUT BUFFER WITH 2:1 INPUT MUX 1 2 3 4 5 MoreMicrel Semiconductor
SY89858UPRECISION CML RUNT PULSE ELIMINATOR 2:1 MUX WITH 1:2 FANOUT AND INTERNAL TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor

Datasheet Page

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Link URL

Related keyword

  SY89112U Datasheet   SY89112U Cross Reference   SY89112U Schematic   SY89112U Distributor   SY89112U Datenblatt   SY89112U RoHS
  SY89112U Equivalent   SY89112U Application Notes   SY89112U Data Sheet   SY89112U component   SY89112U Fiche Technique   SY89112U Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl