|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HLMP-AB87 - 5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs. - Agilent(Hewlett-Packard) |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HLMP-ABXX | Oval Precision Optical Performance AlInGaP and InGaN Lamps | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| HLMP-EL24 | T-1 5mm Precision Optical Performance AlInGaP LED Lamps | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| LO568PRB2-80Q-A3 | 5mm Oval Red/Blue Bi−color LED | 1 2 | Marktech Corporate |
| HLMP-CWXX | T-1 3/4 5mm Extra Bright Precision Optical Performance Precision Optical Performance | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| LO568MRG2-80Q-A | 5mm Oval Red/Green Bi−color LED | 1 2 | Marktech Corporate |
| HLMP-RG10 | 4 mm Oval Precision Optical Performance LED Lamps | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| LO568NGB2-80Q-A | 5mm Oval Green/Blue Bi−color LED | 1 2 | Marktech Corporate |
| LO568NRB2-80Q-A | 5mm Oval Blue/Red Bi−color LED | 1 2 | Marktech Corporate |
| LO568PGB1-80Q-A | 5mm Oval Green/Blue Bi−color LED | 1 2 | Marktech Corporate |
| LUH370 | TWO-COLOR RED AND GREEN CYLINDER LED LAMP | 1 2 3 4 5 More | Siemens Semiconductor Group |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|