|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRFM360 - 400V, N-CHANNEL HEXFET MOSFETTECHNOLOGY - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UF730 | 5.5A 400V 1.0 OHM N-CHANNEL POWER MOSFET | 1 2 3 4 5 More | Unisonic Technologies |
| UF740 | 10A 400V 0.55 OHM N-CHANNEL POWER MOSFET | 1 2 3 4 5 More | Unisonic Technologies |
| FDD3N40 | 400V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRFD020 | HEXFET TRANSISTORS N-CHANNEL HEXDIP | 1 2 3 4 5 More | International Rectifier |
| FQP6N40CF_06 | 400V N-Channel MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| ISL9V2040D3S_04 | EcoSPARKTM 200mJ 400V N-Channel Ignition IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| ISL9V3040D3S_04 | EcoSPARKTM 300mJ 400V N-Channel Ignition IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| IRL5NJ7413 | HEXFET POWER MOSFET SURFACE MOUNT SMD-0.5 30V N-CHANNEL | 1 2 3 4 5 More | International Rectifier |
| IRL1004S | HEXFET Power MOSFET | 1 2 3 4 5 More | National Semiconductor |
| IRLZ24NS | HEXFET Power MOSFET | 1 2 3 4 5 More | International Rectifier |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|