|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MC13105D - 1.0GHz Receiver LNA/Mixer/VCO - Motorola, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MC54-74HC244A | Octal 3-State Noninverting Buffer/Line Driver/Line Receiver | 1 2 3 4 5 More | Motorola, Inc |
| UPD4713A | RS-232 LINE DRIVER/RECEIVER | 1 2 3 4 5 More | NEC |
| DS14196 | EIA/TIA-232 5 Driver x 3 Receiver | 1 2 3 4 5 More | National Semiconductor |
| DS7820A | Dual Line Receiver | 1 2 3 4 5 More | National Semiconductor |
| DS90CF384A | +3.3V LVDS Receiver 24-Bit Flat Panel Display FPD Link-65 MHz +3.3V LVDS Receiver 18-Bit Flat Panel Display FPD Link-65 MHz | 1 2 3 4 5 More | National Semiconductor |
| LMX2240 | Intermediate Frequency Receiver | 1 2 3 4 5 More | National Semiconductor |
| MC10114 | Triple Line Receiver | 1 2 3 4 5 More | ON Semiconductor |
| MC74HC540A | Octal 3-State Inverting Buffer/Line Driver/Line Receiver | 1 2 3 4 5 More | ON Semiconductor |
| SA638 | IS-54 IF receiver | 1 2 3 4 5 More | NXP Semiconductors |
| TDA10045H | DVB-T channel receiver | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 |
Link URL |
|
|