|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IXDN402PI - 2 Ampere Dual Low-Side Ultrafast MOSFET Drivers - IXYS Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IXDI404 | 4 Ampere Dual Low-Side Ultrafast MOSFET Drivers | 1 2 3 4 5 More | IXYS Corporation |
| IXDN402 | 2 Ampere Dual Low-Side Ultrafast MOSFET Drivers | 1 2 3 4 5 More | IXYS Corporation |
| IXDI414 | 14 Ampere Low-Side Ultrafast MOSFET Drivers | 1 2 3 4 5 More | IXYS Corporation |
| IXDD415 | Dual 15 Ampere Low-Side Ultrafast MOSFET Driver | 1 2 3 4 5 More | IXYS Corporation |
| UCD7201 | Digital Control Compatible Dual Low-Side ® Amp MOSFET Drivers with Programmable Common Current Sense | 1 2 3 4 5 More | Texas Instruments |
| DEIC420 | 20 Ampere Low-Side Ultrafast RF MOSFET Driver | 1 2 3 4 5 More | IXYS Corporation |
| UCC27324 | DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS | 1 2 3 4 5 More | Texas Instruments |
| IXDD404 | 4 Amp Dual Low-Side Ultrafast MOSFET Driver | 1 2 3 4 5 More | IXYS Corporation |
| TC4426A | 1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS | 1 2 3 4 5 | TelCom Semiconductor, Inc |
| TC1426 | 1.2A Dual High-Speed MOSFET Drivers | 1 2 3 4 5 More | Microchip Technology |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|