|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
S1T8825B - 1.3GHZ DUAL PLL - Samsung semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SP5848 | 2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL | 1 2 3 4 5 More | Mitel Networks Corporation |
| PLL1707 | 3.3 V DUAL PLL MULTICLOCK GENERATOR | 1 2 3 4 5 More | Burr-Brown Corporation |
| MB15U36 | Dual PLL Frequency Synthesizer with On-Chip Prescaler | 1 2 3 4 5 More | Fujitsu Component Limited. |
| MB15F07SL | Dual Serial Input PLL Frequency Synthesizer | 1 2 3 4 5 More | Fujitsu Component Limited. |
| IDT82V3155 | ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS | 1 2 3 4 5 More | Integrated Device Technology |
| S1M8821 | INTERGER RF/IF DUAL PLL | 1 2 3 4 5 More | Samsung semiconductor |
| MB15F08SL | Dual Serial Input PLL Frequency Synthesizer | 1 2 3 4 5 More | Fujitsu Component Limited. |
| IDT82V3002A | WAN PLL WITH DUAL REFERENCE INPUTS | 1 2 3 4 5 More | Integrated Device Technology |
| MB15F72SP | Dual Serial Input PLL Frequency Synthesizer | 1 2 3 4 5 More | Fujitsu Component Limited. |
| SA7026 | 1.3GHz low voltage fractional-N dual frequency synthesizer | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
|
|