|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OL3201N-40 - 1.3 μm High-Power Laser-Diode DIP Module - OKI electronic componets |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| OL3200N-5 | 1.3 μm High-Power Laser-Diode DIP Module | 1 2 3 | OKI electronic componets |
| OL3200N | 1.3 μm Laser-Diode DIP Module | 1 2 3 | OKI electronic componets |
| OL395N-20 | 1.3 μm High-Power Laser-Diode Coaxial Module | 1 2 3 | OKI electronic componets |
| OL5201N-25 | 1.55 μm High-Power Laser-Diode DIP Module | 1 2 3 4 | OKI electronic componets |
| OE3202G-004 | 1.3 μm Edge-Emitting LED DIP Module | 1 2 3 4 | OKI electronic componets |
| OL3204N-100 | 1.3 mm High-Power DIP Module with 9mm Profile | 1 2 3 | OKI electronic componets |
| OL5200N | 1.55 μm Laser-Diode DIP Module | 1 2 3 | OKI electronic componets |
| OL595N-20 | 1.55 μm High-Power Laser-Diode Coaxial Module | 1 2 | OKI electronic componets |
| OL6204N-50 | 1.6 μm High-Power DIP Module with 9mm Profile | 1 2 3 | OKI electronic componets |
| OE3496G | 1.3 μm Edge-Emitting LED Coaxial Module | 1 2 3 | OKI electronic componets |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|