|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OD9604N - 3.3-V Photo Diode Preamp Modules - OKI electronic componets |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NDL5551P | 1 000 to 1 600 nm OPTICAL FIBER COMMUNICATIONS 50 mm InGaAs AVALANCHE PHOTO DIODE MODULE | 1 2 3 4 5 More | NEC |
| CC2403500N | Super Fast Recovery Dual Diode Modules 50 Amperes/300-600 Volts | 1 2 | Powerex Power Semiconductors |
| CDD10810 | Dual Diode POW-R-BLOK⢠Modules 100 Amperes/800 Volts | 1 2 3 4 | Powerex Power Semiconductors |
| CS240610 | Fast Recovery Single Diode Modules 100 Amperes/600-1200 Volts | 1 2 3 4 | Powerex Power Semiconductors |
| ME601215 | Three-Phase Diode Bridge Modules 150 Amperes/1200-1600 Volts | 1 2 3 4 | Powerex Power Semiconductors |
| SKKD46 | Rectifier Diode Modules | 1 2 3 4 | List of Unclassifed Manufacturers |
| MCC94 | High Voltage Thyristor Module High Voltage Thyristor/Diode Modules | 1 2 | IXYS Corporation |
| MDD250 | High Power Diode Modules | 1 2 3 | IXYS Corporation |
| SKKT122 | Thyristor / Diode Modules | 1 2 3 4 | Semikron International |
| MP02XX260 | Dual Diode Modules | 1 2 3 4 5 More | Dynex Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 |
Link URL |
|
|