|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MSM7590 - 5V Sinlge-Rail ADPCM CODECs - OKI electronic componets |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MSM9810 | 8-channel Mixing OKI ADPCM Type Voice Synthesis LSI | 1 2 3 4 5 More | OKI electronic componets |
| HD81803 | ADPCM TRANSCODER CONFORMING TO G.721 | 1 2 3 4 5 More | Hitachi Semiconductor |
| MSM7719-01 | Echo Canceler with ADPCM Transcoder | 1 2 3 4 5 More | OKI electronic componets |
| TW2815 | 4 Channel Video Decoders and Audio Codecs For Security Applications Pin to pin compatible | 1 2 | List of Unclassifed Manufacturers |
| MC145532 | ADPCM Transcoder | 1 2 3 4 5 More | Motorola, Inc |
| PCD5032 | ADPCM CODEC for digital cordless telephones | 1 2 3 4 5 More | NXP Semiconductors |
| BT8110 | High-Capacity ADPCM Processor | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| MSM9810B | 8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI | 1 2 3 4 5 More | OKI electronic componets |
| AD1835A | 2 ADC 8 DAC 96 kHz 24-Bit Codecs | 1 2 3 4 5 More | Analog Devices |
| MC145537EVK | MC14LC5540 ADPCM Codec Evaluation Kit | 1 2 3 4 | Motorola, Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 |
Link URL |
|
|