Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM66509 Datasheet (PDF) - OKI electronic componets

MSM66509 Datasheet PDF - OKI electronic componets
Part # MSM66509
Download  MSM66509 Download

File Size   284.17 Kbytes
Page   24 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description OLMS-66K Series 16-Bit Microcontroller

MSM66509 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM66509 Datasheet PDF - OKI electronic componets

Part # MSM66509
Download  MSM66509 Click to download

File Size   284.17 Kbytes
Page   24 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description OLMS-66K Series 16-Bit Microcontroller

MSM66509 Datasheet (HTML) - OKI electronic componets

Back Button MSM66509 Datasheet HTML 1Page - OKI electronic componets MSM66509 Datasheet HTML 2Page - OKI electronic componets MSM66509 Datasheet HTML 3Page - OKI electronic componets MSM66509 Datasheet HTML 4Page - OKI electronic componets MSM66509 Datasheet HTML 5Page - OKI electronic componets MSM66509 Datasheet HTML 6Page - OKI electronic componets MSM66509 Datasheet HTML 7Page - OKI electronic componets MSM66509 Datasheet HTML 8Page - OKI electronic componets MSM66509 Datasheet HTML 9Page - OKI electronic componets MSM66509 Datasheet HTML 10Page - OKI electronic componets Next Button 

MSM66509 Product details

GENERAL DESCRIPTION

The MSM66509/66P509 is a high-performance 16-bit microcontroller that employs OKI original nX-8/500 CPU core.

The MSM66509/66P509 includes a 16-bit CPU, ROM, RAM, a 10-bit A/D converter, serial ports, flexible timers, pulse-width modulator (PWM), and I/O ports.



FEATURES

• Program memory space : 64K bytes

   Internal ROM : 64K bytes

• Data memory space : 64K bytes

   Internal RAM : 2K bytes

• High-speed execution

   Minimum instruction execution time : 125nsec @ 32MHz

• Powerful instruction set : Instruction set superior in orthogonal matrix

                                   8/16-bit data transfer instructions

                                   8/16-bit arithmetic instructions

                                   Multiplication and division operation

                                   instructions

                                   Bit manipulation instructions

                                   Bit logic instructions

                                   ROM table reference instructions

• Abundant addressing modes : Register addressing

                                          Page addressing

                                          Pointing register indirect addressing

                                          Stack addressing

                                          Immediate addressing

• I/O port

   Analog input port : 1 port · 16 bits

   Input-output port : 11 ports · 8 bits, 1 port · 4 bits

   (Input/output setting available in bit unit)

• Flexible timers

   Free run counters : 19-bit · 1, 16-bit · 1

   19-bit CAP with a divider : 4

   16-bit double buffer RTO : 6

   16-bit PWM/RTO : 2

   16-bit CAP/RTO : 2

• 8-bit general timer : 1

   8-bit event counter : 1

• 16-bit PWM : 6

   Input clock divider : 4

• Serial ports

   UART mode with BRG : 1

   Synchronous/UART switchable mode

   with BRG : 1

• 10-bit A/D converter : 16 channels

• Transition detector : 6

• Watchdog timer : 1

• Interrupts

   Non-maskable : 1

   Maskable : Internal 32/external 2

                  (4-level priority can be set)

• ROM window function

• Standby modes

   HALT mode

   STOP mode

• Package

   128-pin plastic QFP (QFP128-P-2828-0.80-BK) : (Product name: MSM66509-xxxGS-BK)

                                                                            ··· indicates the code number.



 




Similar Part No. - MSM66509

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6650 OKI-MSM6650 Datasheet
452Kb / 45P
   Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
MSM6650 OKI-MSM6650 Datasheet
259Kb / 50P
   SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
MSM6650 OKI-MSM6650 Datasheet
331Kb / 46P
   SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
MSM66507 OKI-MSM66507 Datasheet
276Kb / 24P
   OLMS-66K Series 16-Bit Microcontroller
More results


Similar Description - MSM66509

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66201 OKI-MSM66201 Datasheet
579Kb / 30P
   OLMS-66K Series 16-Bit Microcontroller
MSM66507 OKI-MSM66507 Datasheet
276Kb / 24P
   OLMS-66K Series 16-Bit Microcontroller
MSM66101 OKI-MSM66101 Datasheet
569Kb / 28P
   OLMS-66K Series 16-Bit Microcontroller
MSM66589 OKI-MSM66589 Datasheet
264Kb / 27P
   OLMS-66K Series CMOS 16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com