Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA2790GR Datasheet (PDF) - NEC

UPA2790GR Datasheet PDF - NEC
Part # UPA2790GR
Download  UPA2790GR Download

File Size   198.92 Kbytes
Page   11 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING N- AND P-CHANNEL POWER MOS FET

UPA2790GR Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA2790GR Datasheet PDF - NEC

Part # UPA2790GR
Download  UPA2790GR Click to download

File Size   198.92 Kbytes
Page   11 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description SWITCHING N- AND P-CHANNEL POWER MOS FET

UPA2790GR Datasheet (HTML) - NEC

Back Button UPA2790GR Datasheet HTML 1Page - NEC UPA2790GR Datasheet HTML 2Page - NEC UPA2790GR Datasheet HTML 3Page - NEC UPA2790GR Datasheet HTML 4Page - NEC UPA2790GR Datasheet HTML 5Page - NEC UPA2790GR Datasheet HTML 6Page - NEC UPA2790GR Datasheet HTML 7Page - NEC UPA2790GR Datasheet HTML 8Page - NEC UPA2790GR Datasheet HTML 9Page - NEC UPA2790GR Datasheet HTML 10Page - NEC Next Button 

UPA2790GR Product details

DESCRIPTION

The µPA2790GR is N- and P-channel MOS Field Effect Transistors designed for Motor Drive application.



FEATURES

• Low on-state resistance

  N-channel RDS(on)1 = 28 mΩ MAX. (VGS = 10 V, ID = 3 A)

                RDS(on)2 = 40 mΩ MAX. (VGS = 4.5 V, ID = 3 A)

  P-channel RDS(on)1 = 60 mΩ MAX. (VGS = −10 V, ID = −3 A)

                RDS(on)2 = 80 mΩ MAX. (VGS = −4.5 V, ID = −3 A)

• Low input capacitance

   N-channel Ciss = 500 pF TYP.

   P-channel Ciss = 460 pF TYP.

• Built-in gate protection diode

• Small and surface mount package (Power SOP8)




Similar Part No. - UPA2790GR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2790GR RENESAS-UPA2790GR Datasheet
404Kb / 13P
   MOS FIELD EFFECT TRANSISTOR
2004
More results


Similar Description - UPA2790GR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PA2792AGR RENESAS-PA2792AGR_15 Datasheet
350Kb / 14P
   SWITCHING N- AND P-CHANNEL POWER MOS FET
PA2794AGR RENESAS-PA2794AGR_15 Datasheet
350Kb / 14P
   SWITCHING N- AND P-CHANNEL POWER MOS FET
logo
NEC
UPA1793 NEC-UPA1793 Datasheet
118Kb / 12P
   SWITCHING N- AND P-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
PA2793AGR RENESAS-PA2793AGR_15 Datasheet
349Kb / 14P
   SWITCHING N- AND P-CHANNEL POWER MOS FET
logo
NEC
UPA1792 NEC-UPA1792 Datasheet
104Kb / 7P
   SWITCHING N- AND P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1790 NEC-UPA1790 Datasheet
53Kb / 8P
   SWITCHING N-AND P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA2791GR NEC-UPA2791GR Datasheet
248Kb / 12P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N- AND P-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
HAT3021R RENESAS-HAT3021R Datasheet
146Kb / 11P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3029R RENESAS-HAT3029R_16 Datasheet
257Kb / 11P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3019R RENESAS-HAT3019R Datasheet
535Kb / 11P
   Silicon N/P Channel Power MOS FET Power Switching
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com