Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB772 Datasheet (PDF) - NEC

2SB772 Datasheet PDF - NEC
Part # 2SB772
Download  2SB772 Download

File Size   272.29 Kbytes
Page   3 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description PNP SILICON POWER TRANSISTOR

2SB772 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB772 Datasheet PDF - NEC

Part # 2SB772
Download  2SB772 Click to download

File Size   272.29 Kbytes
Page   3 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description PNP SILICON POWER TRANSISTOR

2SB772 Datasheet (HTML) - NEC

2SB772 Datasheet HTML 1Page - NEC 2SB772 Datasheet HTML 2Page - NEC 2SB772 Datasheet HTML 3Page - NEC

2SB772 Product details

DESCRIPTION
The 2SB772 is PNP silicon transistor suited for the output stage of 3 W audio amplifier, voltage regulator, DC-DC converter and relay driver.

FEATURES
• Low saturation voltage
   VCE(sat) ≤ −0.5 V (IC = −2 A, IB = −0.2 A)
• Excellent hFE linearity and high hFE
   hFE = 60 to 400 (VCE = −2 V, IC = −1 A)
• Less cramping space required due to small and thin package and
   reducing the trouble for attachment to a radiator.
   No insulator bushing required.




Similar Part No. - 2SB772

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB772 UTC-2SB772 Datasheet
46Kb / 2P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
logo
Renesas Technology Corp
2SB772 RENESAS-2SB772 Datasheet
302Kb / 5P
   PNP SILICON POWER TRANSISTOR
logo
Nanjing International G...
2SB772 DGNJDZ-2SB772 Datasheet
1Mb / 4P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Weitron Technology
2SB772 WEITRON-2SB772 Datasheet
263Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
logo
Unisonic Technologies
2SB772 UTC-2SB772 Datasheet
203Kb / 4P
   MEDIUM POWER LOW VOLTAGE TRANSISTOR
More results


Similar Description - 2SB772

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
   PNP POWER SILICON TRANSISTOR
logo
Continental Device Indi...
CSB834 CDIL-CSB834 Datasheet
211Kb / 3P
   PNP SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SB823 ISC-2SB823 Datasheet
257Kb / 2P
   Silicon PNP Power Transistor
2SA1822 ISC-2SA1822 Datasheet
267Kb / 2P
   Silicon PNP Power Transistor
2SB547 ISC-2SB547 Datasheet
255Kb / 2P
   Silicon PNP Power Transistor
2SB625 ISC-2SB625 Datasheet
249Kb / 2P
   Silicon PNP Power Transistor
logo
M/A-COM Technology Solu...
2N6193 MA-COM-2N6193 Datasheet
457Kb / 4P
   PNP Power Silicon Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
   Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
   Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
   Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
   Silicon PNP Power Transistor
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com