|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TPS60240 - 170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY - Texas Instruments |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM3352 | Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter | 1 2 3 4 5 More | National Semiconductor |
| LM3354 | Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter | 1 2 3 4 5 More | National Semiconductor |
| A8483 | 1.2 MHz Step-up Converter for Display Bias Supply | 1 2 3 4 5 More | Allegro MicroSystems |
| REG710 | 60MA SWITCHED CAP BUCK/BOOST CONVERTER | 1 2 3 4 5 More | Texas Instruments |
| TA8161F | DC/DC CONVERTER SYSTEM IC FOR POWER SUPPLY | 1 2 3 4 5 More | Toshiba Semiconductor |
| LT1942 | Quad DCDC Converter for Triple Outputs TFT Supply Plus LED Driver | 1 2 3 4 5 More | Linear Technology |
| TND304S | General Purpose Driver for PDP Sustain Pulse Drive Motor Drive Switching Power Supply DC / DC Converter Applications | 1 2 3 4 | Sanyo Semicon Device |
| BH6040FVM | Switched Capacitor Voltage Converter for Cellular | 1 2 3 4 5 More | Rohm |
| LM3355 | Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter | 1 2 3 4 5 More | National Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|