|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AC10FGM - 10A MOLD TRIAC - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| T10A6CI | BI-DIRECTIONAL TRIODE THYRISTOR 10A MOLD TRIAC AC POWER CONTROL | 1 2 3 | KEC(Korea Electronics) |
| T12A6CI | BI-DIRECTIONAL TRIODE THYRISTOR 10A MOLD TRIAC AC POWER CONTROL | 1 2 3 | KEC(Korea Electronics) |
| TMG5C40 | Isolated mold triac suitable for wide range of applications like copier | 1 2 | SanRex Corporation |
| T6A6CI | Bi-Directional Triode Thyristor 6A Mold TRIAC | 1 2 3 | KEC(Korea Electronics) |
| AC05FGM | 5 A MOLD TRIAC | 1 2 3 4 5 More | NEC |
| TM1041S-L | TO-220F 10A Triac | 1 2 | Sanken electric |
| AC05FJM | 5 A MOLD TRIAC | 1 2 3 4 5 More | NEC |
| TM1041S-R | TO-220F 10A Triac | 1 | Sanken electric |
| T16A6CI | BI-DIRECTIONAL TRIODE THYRISTOR 16A MOLD TRIAC AC POWER CONTROL | 1 2 3 | KEC(Korea Electronics) |
| TMG8C60F | Isolated Mold Triac Suitable for wide range of Applications | 1 2 | SanRex Corporation |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|