![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : 5082-A113-KF000(1) |
|
Click Here View 5082-A113-KF000 Datasheet |
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| LDS-SMC5602RD-TR | 0.56 SINGLE DIGIT SEVEN SEGMENT DISPLAY SURFACE MOUNT 565nm GREEN CHIPS BLACK FACE MILKY WHITE DIFFUSED | ETC |
| MAN6400 | 0.560-INCH SEVEN SEGMENT DISPLAYS | QT Optoelectronics |
| MAN6700 | 0.560-INCH SEVEN SEGMENT DISPLAYS | Fairchild Semiconductor |
| HDSP-301X | 10 mm and 13 mm Slim Font Seven Segment Displays | Agilent(Hewlett-Packard) |
| HDSP-52XE | 14.2 mm 0.56 inch General Purpose Two Digit Seven Segment Displays | Agilent(Hewlett-Packard) |
| MAN6600 | 0.560-INCH SEVEN SEGMENT DISPLAYS | QT Optoelectronics |
| MAN6900 | 0.560-INCH SEVEN SEGMENT DISPLAYS | Fairchild Semiconductor |
| HDSP-F15 | 10 mm 0.40 inch Seven Segment Displays | Agilent(Hewlett-Packard) |
| HDSP-815E | 20 mm 0.8 inch General Purpose Seven Segment Displays | Agilent(Hewlett-Packard) |
| 5082-7650 | 0.43-INCH SEVEN SEGMENT DISPLAYS | QT Optoelectronics |
| Related keyword |
| 5082-A113-KF000 Datasheet | 5082-A113-KF000 Cross Reference | 5082-A113-KF000 Schematic | 5082-A113-KF000 Distributor | 5082-A113-KF000 Datenblatt | 5082-A113-KF000 RoHS |
| 5082-A113-KF000 Equivalent | 5082-A113-KF000 Application Notes | 5082-A113-KF000 Data Sheet | 5082-A113-KF000 component | 5082-A113-KF000 Fiche Technique | 5082-A113-KF000 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |