|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MC33063A - 1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS - Texas Instruments |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM3488 | High Efficiency Low-Side N-Channel Controller for Switching Regulators | 1 2 3 4 5 More | National Semiconductor |
| MA2820 | Power Switching Regulators | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| STR-F6600 | OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS | 1 2 3 4 5 More | Allegro MicroSystems |
| LT1182 | CCFL/LCD Contrast Switching Regulators | 1 2 3 4 5 More | Linear Technology |
| MSK5041-3.3H | HIGH EFFICIENCY 8 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS | 1 2 3 4 5 More | M.S. Kennedy Corporation |
| MA2830 | Power Switching Regulators | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| STR-S5707 | OFF-LINE SWITCHING REGULATORS WITH BIPOLAR SWITCHING TRANSISTOR | 1 2 3 4 5 More | Allegro MicroSystems |
| LT1268B | 7.5A 150kHz Switching Regulators | 1 2 3 4 | Linear Technology |
| LTC1142 | Dual High Efficiency Synchronous Step-Down Switching Regulators | 1 2 3 4 5 More | Linear Technology |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 |
Link URL |
|
|