|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CS42528 - 114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver - Cirrus Logic |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CS42526 | 114 dB 192 kHz 6-Ch Codec with S/PDIF Receiver | 1 2 3 4 5 More | Cirrus Logic |
| CS42518 | 110 dB 192 kHz 8-Ch Codec with S/PDIF Receiver | 1 2 3 4 5 More | Cirrus Logic |
| CS42516 | 110 dB 192 kHz 6-Ch Codec with S/PDIF Receiver | 1 2 3 4 5 More | Cirrus Logic |
| AD1939 | 4 ADC/8 DAC with PLL 192 kHz 24-Bit CODEC | 1 2 3 4 5 More | Analog Devices |
| CS42428 | 114 dB 192kHz 8-Ch CODEC WITH PLL | 1 2 3 4 5 More | Cirrus Logic |
| CS4391A | 24-BIT 192 kHz STEREO DAC WITH VOLUME CONTROL | 1 2 3 4 5 More | Cirrus Logic |
| CS4362 | 114 dB 192 kHz 6-Channel D/A Converterã | 1 2 3 4 5 More | Cirrus Logic |
| CS4383 | 114 dB 192 kHz 8-Channel D/A Converterã | 1 2 3 4 5 More | Cirrus Logic |
| CS4265 | 105 dB 24-Bit 192 kHz Stereo Audio CODEC | 1 2 3 4 5 More | Cirrus Logic |
| CS4270 | 24-Bit 192 kHz Stereo Audio CODEC | 1 2 3 4 5 More | Cirrus Logic |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 |
Link URL |
|
|