|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ARD12024Q - 26.5GHz, 18GHz COAXIAL SWITCH - Nais(Matsushita Electric Works) |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MS-147 | DC to 6GHz Ultra-Small Coaxial Switch | 1 2 3 4 5 More | Hirose Electric |
| TGS2306-EPU | High Power DC - 18GHz SPDT FET Switch | 1 2 3 4 5 More | TriQuint Semiconductor |
| MS-156 | Subminiature Coaxial Switch 1.6 mm High DC to 6 GHz | 1 2 3 4 5 More | Hirose Electric |
| RP31-10P-10PC | Circular Connector with Coaxial Switch/Model RP31 Connector | 1 2 | Hirose Electric |
| OL592L | 1.55 μm Coaxial DFB Laser Module | 1 2 3 4 | OKI electronic componets |
| STL51004X | 1300 nm Laser in Coaxial Package with SM-Pigtail Low Power | 1 2 3 4 | Siemens Semiconductor Group |
| GT10A-2022SCF | Coaxial cable connection of Antennas Sensors and Communication Trunk Lines | 1 2 3 4 5 More | Hirose Electric |
| MTD492 | Coaxial Transceiver Interface | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| VLF-2500 | Coaxial Low Pass Filter DC to 2500 MHz | 1 | Mini-Circuits |
| NX7526BF-AA | NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION 95 mW MIN | 1 2 3 | California Eastern Labs |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|