|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
60LQ045 - SCHOTTKY RECTIFIER - International Rectifier |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MM3S0520 | 0.5 Amp Schottky Rectifier 20 -100 Volts | 1 2 3 | Microsemi Corporation |
| MBRA130LT3 | Surface Mount Schottky Power Rectifier | 1 2 3 4 | Motorola, Inc |
| PMEG3002AEL | 30 V 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package | 1 2 3 4 5 More | NXP Semiconductors |
| DSS2X111-008A | Power Schottky Rectifier | 1 | IXYS Corporation |
| FM320M | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 | Rectron Semiconductor |
| 30SCLJQ060 | SCHOTTKY RECTIFIER | 1 2 3 4 | International Rectifier |
| 400CMQ035 | SCHOTTKY RECTIFIER | 1 2 3 4 5 | International Rectifier |
| 85HQ | SCHOTTKY RECTIFIER | 1 2 3 4 5 | International Rectifier |
| FBS10-06SC | Silicon Carbide Schottky Rectifier Bridge in ISOPLUS i4-PAC | 1 2 | IXYS Corporation |
| NTE6081 | Silicon Schottky Barrier Rectifier | 1 2 | NTE Electronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|