![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2PB1424 - 20 V, 3 A PNP low VCEsat transistor - NXP Semiconductors |
|
Click Here View 2PB1424 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BTB1424AD3 | Low VCE sat PNP Epitaxial Planar Transistor | Cystech Electonics Corp. |
| PBSS5140V | 40 V low VCEsat PNP transistor | NXP Semiconductors |
| NSS40400CF8T1G | 40 V 7 A Low VCE sat PNP Transistor | ON Semiconductor |
| PBSS5120T | 20 V 1 A PNP low VCEsat BISS transistor | NXP Semiconductors |
| PBSS9110Y | 100 V 1 A PNP low VCEsat BISS transistor | NXP Semiconductors |
| TSB1590 | Low Vce sat PNP Transistor | Taiwan Semiconductor Company, Ltd |
| BTA1952J3 | Low Vcesat PNP Epitaxial Planar Transistor | Cystech Electonics Corp. |
| BTB1424AM3 | Low VCE sat PNP Epitaxial Planar Transistor | Cystech Electonics Corp. |
| PBSS5240V | 40 V low VCEsat PNP transistor | NXP Semiconductors |
| PBSS5350Z | 50 V low VCEsat PNP transistor | NXP Semiconductors |
Link URL |
|
|
Related keyword |
| 2PB1424 Datasheet | 2PB1424 Cross Reference | 2PB1424 Schematic | 2PB1424 Distributor | 2PB1424 Datenblatt | 2PB1424 RoHS |
| 2PB1424 Equivalent | 2PB1424 Application Notes | 2PB1424 Data Sheet | 2PB1424 component | 2PB1424 Fiche Technique | 2PB1424 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |