|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2N3819 - JEET VHF/UHF Amplifier N-channel-Depletion - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IT500 | Monolithic Dual Cascoded N-Channel JEET General Purpose Amplifier | 1 2 3 | Intersil Corporation |
| MSA-0505 | Cascadable Silicon Bipolar MMIC Amplifier | 1 2 3 4 | Agilent(Hewlett-Packard) |
| M68731L | SILICON MOS FET POWER AMPLIFIER 135-155MHz 7W FM PORTABLE RADIO | 1 2 3 | Mitsubishi Electric Semiconductor |
| MSA-0910 | Cascadable Silicon Bipolar MMIC Amplifier | 1 2 3 4 | Agilent(Hewlett-Packard) |
| MAAP-007649-000100 | Ultra Linear 2W Power Amplifier 800 to 1000 MHz | 1 2 3 4 5 More | Tyco Electronics |
| M68745L | SILICON MOS FET POWER AMPLIFIER 806-870MHz 3.8W FM PORTABLE RADIO | 1 2 3 | Mitsubishi Electric Semiconductor |
| CA3088E | AM Receiver Subsystem and General-Purpose Amplifier Array | 1 2 3 4 | Intersil Corporation |
| MAAPSS0107 | 3.6 V 0.5 W RF Power Amplifier IC for DECT 1800 - 2000 MHz | 1 2 3 4 5 More | Tyco Electronics |
| MGF7169C | UHF BAND GaAs POWER AMPLIFIER | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|