|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
27C16 - 16,384-Bit (2048 x 8) UV Erasable CMOS PROM Military Qualified - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AM24LC16 | 2-Wire Serial 16K-bits 2048 x 8 CMOS Electrically Erasable PROM | 1 2 3 4 5 More | Anachip Corp |
| ET2716 | 16 384-BIT 2048 x 8 UV ERASABLE PROM MEMORY COMPONENTS | 1 2 3 4 5 More | STMicroelectronics |
| MM2716E | 16 384-Bit 2048 x 8 UV Erasable PROM Extended Temperature Range | 1 2 3 4 5 More | National Semiconductor |
| NMC27C16B | 16 384-Bit 2048 x 8 CMOS EPROM | 1 2 3 4 5 More | Fairchild Semiconductor |
| WS57C191C-1 | MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM | 1 2 | STMicroelectronics |
| AM27S191 | 16 384-BIT 2048 x 8 BIPOLAR PROM | 1 2 3 4 5 More | Advanced Micro Devices |
| 28C64B | 64K 8K x8 CMOS Erasable PROM | 1 2 3 4 5 More | Microchip Technology |
| WS57C43C-1 | MILITARY HIGH SPED 4K x 8 CMOS PROM/RPROM | 1 2 | STMicroelectronics |
| NMC27C256 | 262 144-Bit 32k X 8 UV Erasable CMOS PROM | 1 2 3 4 5 More | National Semiconductor |
| ETC2716Q | 16K BIT CMOS UV ERASABLE PROM | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|