|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MAG90X95 - COMPLIMENTARY PAIR DUAL CHANNEL POWER MOSFET - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| STS6DNF30L | DUAL N - CHANNEL 30V - 0.022ohm - 6A SO-8 STripFET POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STS7DNF30L | DUAL N - CHANNEL 30V - 0.018ohm - 7A SO-8 STripFET POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STS3DPF30L | DUAL P - CHANNEL 30V - 0.145ohm - 3A SO-8 STripFETO POWER MOSFET | 1 2 3 4 5 | STMicroelectronics |
| EL7202C | High Speed Dual Channel Power MOSFET Drivers | 1 2 3 4 5 More | Elantec Semiconductor |
| EL7202 | High Speed Dual Channel Power MOSFET Drivers | 1 2 3 4 5 More | Intersil Corporation |
| EL7242C | Dual Input High Speed Dual Channel Power MOSFET Driver | 1 2 3 4 5 More | Elantec Semiconductor |
| STS4DPF20L | DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET⢠POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STD16NE06 | N - CHANNEL 60V - 0.07ohm - 16A DPAK/IPAK STripFET POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| STD5NE10L | N - CHANNEL 100V - 0.3 ohm - 5A - DPAK/IPAK STripFET POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 |
Link URL |
|
|