|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ZXMP6A13G - 60V P-CHANNEL ENHANCEMENT MODE MOSFET - Zetex Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZXMP6A17G | 60V P-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMP6A17E6 | 60V P-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMP6A18DN8 | DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMP6A13F | 60V P-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN6A11Z | 60V N-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMD65P02N8 | DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 | Zetex Semiconductors |
| CEM8947 | Dual P-Channel Enhancement Mode MOSFET | 1 2 3 4 5 | Chino-Excel Technology |
| IXTH10P50 | Standard Power MOSFET P-Channel Enhancement Mode Avalanche Rated | 1 2 | IXYS Corporation |
| TSM7104D | 20V Dual P-Channel Enhancement Mode MOSFET | 1 2 3 | Taiwan Semiconductor Company, Ltd |
| AF8510C | N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET | 1 2 3 4 5 More | Anachip Corp |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|