|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AND185HAP - InGaAlP High Brightness Amber Light Emission T-1 3/4 Package (5 mm) - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AND520HG | GaN High Brightness Green Light Emission | 1 2 | List of Unclassifed Manufacturers |
| AND180CRP | GaAlAs Red Light Emission T-1 3/4 Package 5 mm | 1 2 | List of Unclassifed Manufacturers |
| MIE-534H4 | GaAlAs HIGH POWER T-1 3/4 PACKAGE INFRARED EMITTING DIODE | 1 2 | Unity Opto Technology |
| TLRH190P | TOSHIBA LED Lamp InGaALP Red Light Emission | 1 2 3 4 | Toshiba Semiconductor |
| MIE-544A4 | GaAs HIGH POWER T-1 3/4 PACKAGE INFRARED EMITTING DIODE | 1 2 | Unity Opto Technology |
| MVL-5A4UOL | T-1 3/4 f 5mm PACKAGE HIGH POWER AlInGaP LED LAMPs | 1 2 | Unity Opto Technology |
| TLSH160 | TOSHIBA LED Lamp InGaALP Red Light Emission | 1 2 3 4 | Toshiba Semiconductor |
| MIE-304A2 | AlGaAs/GaAs HIGH POWER T-1 PACKAGE INFRARED EMITTING DIODE | 1 2 | Unity Opto Technology |
| MIE-544H4 | GaAlAs HIGH POWER T-1 3/4 PACKAGE INFRARED EMITTING DIODE | 1 2 | Unity Opto Technology |
| MVL-5A4UYL | T-1 3/4 f 5mm PACKAGE HIGH POWER AlInGaP LED LAMPs | 1 2 | Unity Opto Technology |
Datasheet Page |
1 2 |
Link URL |
|
|