|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
6MBI50UA-120 - 1200V / 50A 6 in one-package - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PRHMB50B12A | IGBT MODULE Chopper 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PT5112 | DIODE MODULE 50A/1200V/1600V | 1 2 3 | Nihon Inter Electronics Corporation |
| PTMB50B12 | IGBT MODULE Six-Pack 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PBMB50B12 | IGBT MODULE H-Bridge 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PTMB50B12C | IGBT SP series Six-Pack 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| RHRG50120 | 50A 1200V Hyperfast Diode | 1 2 | Intersil Corporation |
| RURG50120 | 50A 1200V Ultrafast Diode | 1 2 3 4 | Intersil Corporation |
| PBMB50B12C | IGBT MODULE H-Bridge 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PDMB50B12 | IGBT MODULE Dual 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
| PCHMB50B12 | IGBT MODULE Chopper 50A 1200V | 1 2 3 | Nihon Inter Electronics Corporation |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|